Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILSB1206 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ILSB1206
Description  Monolithic Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILSB1206 Datasheet(HTML) 2 Page - Vishay Siliconix

  ILSB1206 Datasheet HTML 1Page - Vishay Siliconix ILSB1206 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.vishay.com
73
ILSB-1206
Vishay Dale
Document Number 34029
Revision 28-Aug-02
For technical questions, contact Magnetics@vishay.com
TAPE AND REEL SPECIFICATIONS 1206 SIZE PER EIA-481-1 in inches [millimeters]
A0
B0
D0
D1
E1
F
K0
P0
P1
P2
W
T
A
N
W1
T1
0.073
± .004 [1.85 ± 0.1]
0.135
± .004 [3.43 ± 0.1]
0.059 + .005/-0.000 [1.5 + 0.127]
0.039 Min. [1.0] Min.
0.069
± .004 [1.75 ± 0.1]
0.138
± .002 [3.50 ± 0.05]
0.048
± .002 [1.22 ± 0.05]
0.157
± .004 [4.00 ± 0.1]
0.157
± .004 [4.00 ± 0.1]
0.079
± .002 [2.00 ± 0.05]
0.327 Max. [8.3] Max.
0.008
± .002 [0.2 ± 0.05]
7.000
± .079 [178 ± 2.0]
2.500 [63.5]
0.315 + 0.059/-0.00 [8.00 + 1.50]
0.079
± .002 [2.00 ± 0.05]
Empty Trailer
160mm Minimum
Unreel
Direction
Cover Tape Leader
Empty Tape
Components
W1
ØC
160mm Minimum
390mm Minimum
ØA
ØN
K0
T1
T
W
F
E1
ØD0
P2
P0
B0
A0
3000 Piece/Reel
P1
DIMENSIONS in inches [millimeters]
A
0.126
± 0.008
[3.2
± 0.2 ]
0.063
± 0.008
[1.6
± 0.2]
.020
± 0.012
[0.5
± 0.3]
0.043
± 0.012
[1.10
± 0.3]
0.185
[4.7]
0.070
[1.8]
0.087
[2.2]
0.047
[1.2]
BC
D
E
FG
H
90/10 Sn/Pb Termination
Ferrite Body
Dimensional Outline
Suggested Pad Layout
A
B
C
D
H
G
F
E
ØD1
Monolithic Chip Inductors



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com