Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6044IM/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6044IM/NOPB
Description  CMOS Quad Micropower Operational Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6044IM/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMC6044IM/NOPB Datasheet HTML 1Page - Texas Instruments LMC6044IM/NOPB Datasheet HTML 2Page - Texas Instruments LMC6044IM/NOPB Datasheet HTML 3Page - Texas Instruments LMC6044IM/NOPB Datasheet HTML 4Page - Texas Instruments LMC6044IM/NOPB Datasheet HTML 5Page - Texas Instruments LMC6044IM/NOPB Datasheet HTML 6Page - Texas Instruments LMC6044IM/NOPB Datasheet HTML 7Page - Texas Instruments LMC6044IM/NOPB Datasheet HTML 8Page - Texas Instruments LMC6044IM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LMC6044
SNOS612D – NOVEMBER 1994 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
Differential Input Voltage
±Supply Voltage
Supply Voltage (V+
− V−)
16V
Output Short Circuit to V+
See(3)
Output Short Circuit to V−
See(4)
Lead Temperature (Soldering, 10 sec.)
260°C
Current at Input Pin
±5 mA
Current at Output Pin
±18 mA
Current at Power Supply Pin
35 mA
Power Dissipation
See(5)
Storage Temperature Range
−65°C to +150°C
Junction Temperature(5)
110°C
ESD Tolerance(6)
500V
Voltage at I/O Pin (V+)
+0.3V, (V−)
−0.3V
(1)
Absolute Maximum Ratings indicate limts beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test
conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Do not connect output to V+ when V+ is greater than 13V or reliability may be adversely affected.
(4)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 110°C. Output currents in excess of ±30 mA over long term may adversely
affect reliability.
(5)
The maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(max) − TA)/θJA.
(6)
Human body model, 1.5 k
Ω in series with 100 pF.
Operating Ratings
LMC6044AI, LMC6044I
−40°C ≤ TJ ≤ +85°C
Temperature Range
Supply Voltage
4.5V
≤ V+ ≤ 15.5V
14-Pin PDIP
85°C/W
Thermal Resistance (
θJA)
(1)
14-Pin SOIC
115°C/W
Power Dissipation
See(2)
(1)
All numbers apply for packages soldered directly into a PC poard.
(2)
For operating at elevated temperatures, the device must be derated based on the thermal resistance
θJA with PD = (TJ − TA)/θJA.
2
Submit Documentation Feedback
Copyright © 1994–2013, Texas Instruments Incorporated
Product Folder Links: LMC6044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com