Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-EJ15-RU000 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HLMP-EJ15-RU000
Description  T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-EJ15-RU000 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HLMP-EJ15-RU000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-EJ15-RU000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-EJ15-RU000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-EJ15-RU000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-EJ15-RU000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-EJ15-RU000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-EJ15-RU000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-EJ15-RU000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-EJ15-RU000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
4
Device Selection Guide (Continued)
Typical
Viewing
Color and
Luminous
Angle
Dominant
Lamps Without Standoffs
Lamps With Standoffs
Intensity Iv (mcd) [1,2]
2
θ1/2
Wavelength
on Leads
on Leads
@ 20 mA
(Deg.)[4]
(nm), Typ.[3]
(Outline Drawing A)
(Outline Drawing B)
Min.
Max.
HLMP-EH15-PS000
HLMP-EH17-PS000
765
2900
HLMP-EH15-QT000
HLMP-EH17-QT000
1000
3700
Red-Orange 615
HLMP-EH15-RU000
HLMP-EH17-RU000
1300
4800
HLMP-EH15-SV000
HLMP-EH17-SV000
1650
6300
15
°
HLMP-EG15-PS000
HLMP-EG17-PS000
765
2900
HLMP-EG15-QT000
HLMP-EG17-QT000
1000
3700
Red 626
HLMP-EG15-RU000
HLMP-EG17-RU000
1300
4800
HLMP-EG15-SV000
HLMP-EG17-SV000
1650
6300
HLMP-EL24-LP000
HLMP-EL26-LP000
345
1330
HLMP-EL24-MQ000
HLMP-EL26-MQ000
450
1730
HLMP-EL24-NQ000
590
1730
HLMP-EL24-NQK00*
590
1730
HLMP-EL24-NR000
HLMP-EL26-NR000
590
2200
HLMP-EL24-NRK00*
590
2200
Amber 590
HLMP-EL24-PQ000
765
1730
HLMP-EL24-PQK00*
765
1730
HLMP-EL24-PR000
765
2200
HLMP-EL24-PR400**
765
2200
HLMP-EL24-PRK00*
765
2200
HLMP-EL24-PS000
HLMP-EL26-PS000
765
2900
23
°
HLMP-EL24-PSK00*
765
2900
HLMP-EJ24-MQ000
HLMP-EJ26-MQ000
450
1730
HLMP-EJ24-NR000
HLMP-EJ26-NR000
590
2200
Orange 605
HLMP-EJ24-PS000
HLMP-EJ26-PS000
765
2900
HLMP-EJ24-QT000
HLMP-EJ26-QT000
1000
3700
HLMP-EH24-LP000
HLMP-EH26-LP000
345
1330
HLMP-EH24-MQ000
HLMP-EH26-MQ000
450
1730
Red-Orange 615
HLMP-EH24-NR000
HLMP-EH26-NR000
590
2200
HLMP-EH24-PS000
HLMP-EH26-PS000
765
2900
HLMP-EG24-LP000
HLMP-EG26-LP000
345
1330
HLMP-EG24-MQ000
HLMP-EG26-MQ000
450
1730
Red 626
HLMP-EG24-NR000
HLMP-EG26-NR000
590
2200
HLMP-EG24-PS000
HLMP-EG26-PS000
765
2900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com