Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7205 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7205
Description  HEXFET Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7205 Datasheet(HTML) 2 Page - International Rectifier

  IRF7205 Datasheet HTML 1Page - International Rectifier IRF7205 Datasheet HTML 2Page - International Rectifier IRF7205 Datasheet HTML 3Page - International Rectifier IRF7205 Datasheet HTML 4Page - International Rectifier IRF7205 Datasheet HTML 5Page - International Rectifier IRF7205 Datasheet HTML 6Page - International Rectifier IRF7205 Datasheet HTML 7Page - International Rectifier IRF7205 Datasheet HTML 8Page - International Rectifier IRF7205 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF7205
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-30
–––
–––
V
VGS = 0V, ID = -250µA
∆V
(BR)DSS/∆TJ
Breakdown Voltage Temp. Coefficient
––– -0.024 –––
V/°C
Reference to 25°C, ID = -1mA
–––
–––
0.070
VGS = -10V, ID = -4.6A
ƒ
–––
–––
0.130
VGS = -4.5V, ID = -2.0A
ƒ
VGS(th)
Gate Threshold Voltage
-1.0
–––
-3.0
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
–––
6.6
–––
S
VDS = -15V, ID = -4.6A
ƒ
–––
–––
-1.0
VDS = -24V, VGS = 0V
–––
–––
-5.0
VDS = -15V, VGS = 0V, TJ = 70 °C
Gate-to-Source Forward Leakage
–––
–––
-100
VGS = -20V
Gate-to-Source Reverse Leakage
–––
–––
100
VGS = 20V
Qg
Total Gate Charge
–––
27
40
ID = -4.6A
Qgs
Gate-to-Source Charge
–––
5.2
–––
nC
VDS = -15V
Qgd
Gate-to-Drain ("Miller") Charge
–––
7.5
–––
VGS = -10V
ƒ
td(on)
Turn-On Delay Time
–––
14
30
VDD = -15V
tr
Rise Time
–––
21
60
ID = -1.0A
td(off)
Turn-Off Delay Time
–––
97
150
RG = 6.0
Ω
tf
Fall Time
–––
71
100
RD = 10Ω
ƒ
Between lead,6mm(0.25in.)
from package and center
of die contact
Ciss
Input Capacitance
–––
870
–––
VGS = 0V
Coss
Output Capacitance
–––
720
–––
pF
VDS = -10V
Crss
Reverse Transfer Capacitance
–––
220
–––
ƒ = 1.0MHz
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
-1.2
V
TJ = 25°C, IS = -1.25A, VGS = 0V
ƒ
trr
Reverse Recovery Time
–––
70
100
ns
TJ = 25°C, IF = -4.6A
Qrr
Reverse RecoveryCharge
–––
100
180
nC
di/dt = 100A/µs
ƒ
ton
Forward Turn-On Time
Source-Drain Ratings and Characteristics
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
–––
–––
-15
–––
–––
-2.5
A
IGSS
IDSS
Drain-to-Source Leakage Current
LS
Internal Source Inductance
–––
4.0
–––
LD
Internal Drain Inductance
–––
2.5
–––
nH
ns
nA
µA
Ω
RDS(ON)
Static Drain-to-Source On-Resistance
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ ISD ≤ -4.6A, di/dt ≤ 90A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
ƒ Pulse width ≤ 300µs; duty cycle ≤ 2%.
„ Surface mounted on FR-4 board, t ≤ 10sec.
S
D
G
S
D
G



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com