Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RST-4-RKT4-646-2M Datasheet(PDF) 2 Page - Lumberg

Part # RST-4-RKT4-646-2M
Description  M12-Round-Plug Connector, Double-Ended Cordsets,
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

RST-4-RKT4-646-2M Datasheet(HTML) 2 Page - Lumberg

  RST-4-RKT4-646-2M Datasheet HTML 1Page - Lumberg RST-4-RKT4-646-2M Datasheet HTML 2Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.lumberg-automationusa.com
Technical Support:
1-717-217-2289
Data sheet | 08/03/16
Be Certain with Belden
M12-Round-Plug Connector, Double-Ended Cordsets
Technical Data
Environmental
Degree of protection
IP68 / Nema 6P
Operating temperature range
-40°C (-40°F) / +90°C (+194°F)
Mechanical
Housing / Molded body
PUR, translucent gray
Insert
PUR orange
Contact
CuZn, gold-plated
Coupling nut
CuZn, nickel-plated
O-ring
FKM
Electrical
Current rating
3-5 poles 4A
8 poles 1.5A
Voltage rating
3-4 poles 250V
5-8 poles 30V
Part Number
Pins
Standard Cable Lengths
Characteristics
RST 3-RKT 4-3-659/…M
3
0.3M / 0.6M / 1.5M / 1M / 2M / 5M / 10M
RST 4-RKT 4-646/…M
4
0.3M / 0.6M / 1.5M / 1M / 2M / 3M / 5M / 6M / 10M / 12M
RST 5-RKT 5-647/…M
5
0.3M / 0.6M / 1M / 2M / 5M / 10M
RST 8-RKT 8-661/…M
8
0.3M / 0.6M / 1M / 2M / 5M / 10M
RST 3-RKWT 4-3-659/…M
3
0.3M / 0.6M / 1.5M / 1M / 2M / 5M / 10M
RST 4-RKWT 4-646/…M
4
0.3M / 0.5M / 0.6M / 1.5M / 1M / 2M / 5M / 10M
RST 5-RKWT 5-647/…M
5
0.3M / 0.6M / 1M / 2M / 5M / 10M
RST 8-RKWT 8-661/…M
8
0.3M / 0.6M / 1M / 2M / 5M / 10M
Cable Specifications
Cable No. Outer Jacket Conductor Size
Jacket Color
OD
659
PVC
22 AWG
Gray
.190" (4.82 mm)
646
PVC
22 AWG
Gray
.190" (4.82 mm)
647
PVC
22 AWG
Gray
.212" (5.38 mm)
661
PVC
24 AWG
Gray
.232" (5.89 mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com