Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRH7250 Datasheet(PDF) 12 Page - International Rectifier

Part # IRH7250
Description  REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRH7250 Datasheet(HTML) 12 Page - International Rectifier

Back Button IRH7250 Datasheet HTML 4Page - International Rectifier IRH7250 Datasheet HTML 5Page - International Rectifier IRH7250 Datasheet HTML 6Page - International Rectifier IRH7250 Datasheet HTML 7Page - International Rectifier IRH7250 Datasheet HTML 8Page - International Rectifier IRH7250 Datasheet HTML 9Page - International Rectifier IRH7250 Datasheet HTML 10Page - International Rectifier IRH7250 Datasheet HTML 11Page - International Rectifier IRH7250 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
IRH7250, IRH8250 Devices
12
www.irf.com
‚ Repetitive Rating; Pulse width limited by
maximum junction temperature.
Refer to current HEXFET reliability report.
ƒ VDD = 25V, Starting TJ = 25°C,
Peak IL = 26A,L=1.9mH, RG=25Ω
„ ISD ≤ 26A, di/dt ≤ 190A/µs,
VDD ≤ BVDSS, TJ ≤ 150°C
Suggested RG =2.35
Ω
… Pulse width ≤ 300 µs; Duty Cycle ≤ 2%
† Total Dose Irradiation with VGS Bias.
12 volt VGS applied and VDS = 0 during
irradiation per MIL-STD-750, method 1019, codition A.
‡ Total Dose Irradiation with VDS Bias.
VDS = 0.8 rated BVDSS (pre-radiation)
applied and VGS = 0 during irradiation per
MlL-STD-750, method 1019, condition A.
ˆ This test is performed using a flash x-ray
source operated in the e-beam mode (energy
~2.5 MeV), 30 nsec pulse.
‰ All Pre-Irradiation and Post-Irradiation test
conditions are identical to facilitate direct
comparison for circuit applications.
Pre-Irradiation
 See Figures 18 through 31 for pre-irradiation
curves
Case Outline and Dimensions — TO-204AE
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
IR GREAT BRITAIN: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 838 4630
IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan Tel: 886-2-2377-9936
http://www.irf.com/
Data and specifications subject to change without notice.
10/98
Conforms to JEDEC Outline TO-204AE
Dimensions in Millimeters and ( Inches )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com