Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLML2402 Datasheet(PDF) 1 Page - International Rectifier

Part # IRLML2402
Description  HEXFET POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML2402 Datasheet(HTML) 1 Page - International Rectifier

  IRLML2402 Datasheet HTML 1Page - International Rectifier IRLML2402 Datasheet HTML 2Page - International Rectifier IRLML2402 Datasheet HTML 3Page - International Rectifier IRLML2402 Datasheet HTML 4Page - International Rectifier IRLML2402 Datasheet HTML 5Page - International Rectifier IRLML2402 Datasheet HTML 6Page - International Rectifier IRLML2402 Datasheet HTML 7Page - International Rectifier IRLML2402 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRLML2402
PD - 91257D
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET Power MOSFETs are well
known for, provides the designer with an extremely efficient
and reliable device for use in a wide variety of applications.
A customized leadframe has been incorporated into the
standard SOT-23 package to produce a HEXFET Power
MOSFET with the industry's smallest footprint. This
package, dubbed the Micro3, is ideal for applications
where printed circuit board space is at a premium. The low
profile (<1.1mm) of the Micro3 allows it to fit easily into
extremely thin application environments such as portable
electronics and PCMCIA cards.
VDSS = 20V
RDS(on) = 0.25Ω
HEXFET® Power MOSFET
Description
01/15/03
l
Generation V Technology
l
Ultra Low On-Resistance
l
N-Channel MOSFET
l
SOT-23 Footprint
l
Low Profile (<1.1mm)
l
Available in Tape and Reel
l
Fast Switching
S
D
G
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 4.5V
1.2
ID @ TA = 70°C
Continuous Drain Current, VGS @ 4.5V
0.95
A
IDM
Pulsed Drain Current 
7.4
PD@TA = 25°C
Power Dissipation
540
mW
Linear Derating Factor
4.3
mW/°C
VGS
Gate-to-Source Voltage
± 12
V
dv/dt
Peak Diode Recovery dv/dt ‚
5.0
V/ns
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
„
–––
230
Thermal Resistance
°C/W
Micro3


Similar Part No. - IRLML2402

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML2402 IRF-IRLML2402 Datasheet
81Kb / 8P
HEXFET Power MOSFET
IRLML2402 IRF-IRLML2402 Datasheet
210Kb / 8P
HEXFET POWER MOSFET
logo
Guangdong Kexin Industr...
IRLML2402 KEXIN-IRLML2402 Datasheet
2Mb / 5P
N-Channel MOSFET
logo
EVER SEMICONDUCTOR CO.,...
IRLML2402 EVVOSEMI-IRLML2402 Datasheet
448Kb / 7P
N−Channel MOSFET
Rev:2023A2
logo
Guangdong Kexin Industr...
IRLML2402-3 KEXIN-IRLML2402-3 Datasheet
2Mb / 5P
N-Channel MOSFET
More results

Similar Description - IRLML2402

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com