Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLR014N Datasheet(PDF) 1 Page - International Rectifier

Part # IRLR014N
Description  HEXFET Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR014N Datasheet(HTML) 1 Page - International Rectifier

  IRLR014N Datasheet HTML 1Page - International Rectifier IRLR014N Datasheet HTML 2Page - International Rectifier IRLR014N Datasheet HTML 3Page - International Rectifier IRLR014N Datasheet HTML 4Page - International Rectifier IRLR014N Datasheet HTML 5Page - International Rectifier IRLR014N Datasheet HTML 6Page - International Rectifier IRLR014N Datasheet HTML 7Page - International Rectifier IRLR014N Datasheet HTML 8Page - International Rectifier IRLR014N Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRLR/U014N
HEXFET® Power MOSFET
S
D
G
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
5.3
RθJA
Case-to-Ambient (PCB mount)**
–––
50
°C/W
RθJA
Junction-to-Ambient
–––
110
Thermal Resistance
VDSS = 55V
RDS(on) = 0.14Ω
ID = 10A
Description
5/4/99
www.irf.com
1
D-Pak
TO-252AA
I-Pak
TO-251AA
Logic-Level Gate Drive
Surface Mount (IRLR024N)
Straight Lead (IRLU024N)
Advanced Process Technology
Fast Switching
Fully Avalanche Rated
Fifth Generation HEXFETs from International Rectifier utilize advanced
processing techniques to achieve the lowest possible on-resistance per
silicon area.
This benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power MOSFETs are well known for,
provides the designer with an extremely efficient device for use in a wide
variety of applications.
The D-PAK is designed for surface mounting using vapor phase, infrared, or
wave soldering techniques. The straight lead version (IRFU series) is for
through-hole mounting applications. Power dissipation levels up to 1.5 watts
are possible in typical surface mount applications.
** When mounted on 1" square PCB (FR-4 or G-10 Material ) .
For recommended footprint and soldering techniques refer to application note #AN-994
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
10
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
7.1
A
IDM
Pulsed Drain Current
40
PD @TC = 25°C
Power Dissipation
28
W
Linear Derating Factor
0.2
W/°C
VGS
Gate-to-Source Voltage
± 16
V
EAS
Single Pulse Avalanche Energy
35
mJ
IAR
Avalanche Current
6.0
A
EAR
Repetitive Avalanche Energy
2.8
mJ
dv/dt
Peak Diode Recovery dv/dt
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
PD- 94350


Similar Part No. - IRLR014N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR014NPBF IRF-IRLR014NPBF Datasheet
281Kb / 11P
HEXFET POWER MOSFET ( VDSS = 55V , RDS(on) = 0.14廓 , ID = 10A )
IRLR014NPBF IRF-IRLR014NPBF Datasheet
293Kb / 10P
Logic-Level Gate Drive
IRLR014NTRPBF IRF-IRLR014NTRPBF Datasheet
293Kb / 10P
Logic-Level Gate Drive
More results

Similar Description - IRLR014N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com