Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTD3O Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # TTD3O
Description  1/4 Longframe & TT/Bantam Patchcords
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

TTD3O Datasheet(HTML) 1 Page - Switchcraft, Inc.

  TTD3O Datasheet HTML 1Page - Switchcraft, Inc. TTD3O Datasheet HTML 2Page - Switchcraft, Inc. TTD3O Datasheet HTML 3Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Switchcraft
®
www.switchcraft.com
5555 N. Elston Avenue/Chicago, IL 60630
Phone: 773-792-2700 Fax: 773-792-2129
S
Sw
wiittc
ch
hc
crra
afftt®
NPB
569
1/4" Longframe
TT/Bantam
Dual TT/Bantam
itch
11//4
4"" L
Lo
on
ng
gffrra
am
me
e &
& T
TT
T//B
Ba
an
ntta
am
m
P
Pa
attc
ch
hc
co
orrd
ds
s
Switchcraft's 1/4" Longframe and TT/Bantam audio patchcords are built using low
capacitance 110 Ohm cable ideal for analog, AES/EBU digital, or SMPTE time code.
Dual TT/Bantam versions offer the same low capacitance 110 Ohm cabling and are
perfect for RS422 patching, as well as stereo audio patching when used in conjunction
with Switchcraft® TT stereo spaced patchbays.
Switchcraft® 1/4" Longframe and TT/Bantam patchcords are currently available in
seven colors and feature a highly durable, molded thermoplastic strain relief. The plugs
are made of nickel plated copper alloy, which means they won't tarnish and do not
need polishing.
For more information on 1/4" Longframe patchcords, visit:
http://www.switchcraft.com/products/559.html
For more information on TT/Bantam and Dual TT/bantam patchcords, visit:
http://www.switchcraft.com/products/557.html


Similar Part No. - TTD3O

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
TTD3BK SWITCH-TTD3BK Datasheet
309Kb / 3P
1/4 Longframe & TT/Bantam Patchcords
TTD3BL SWITCH-TTD3BL Datasheet
309Kb / 3P
1/4 Longframe & TT/Bantam Patchcords
TTD3GN SWITCH-TTD3GN Datasheet
309Kb / 3P
1/4 Longframe & TT/Bantam Patchcords
TTD3R SWITCH-TTD3R Datasheet
309Kb / 3P
1/4 Longframe & TT/Bantam Patchcords
TTD3Y SWITCH-TTD3Y Datasheet
309Kb / 3P
1/4 Longframe & TT/Bantam Patchcords
More results

Similar Description - TTD3O

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
TT1BKX SWITCH-TT1BKX Datasheet
309Kb / 3P
1/4 Longframe & TT/Bantam Patchcords
TT1RX SWITCH-TT1RX Datasheet
309Kb / 3P
1/4 Longframe & TT/Bantam Patchcords
TT2BKX SWITCH-TT2BKX Datasheet
309Kb / 3P
1/4 Longframe & TT/Bantam Patchcords
TTD1Y SWITCH-TTD1Y Datasheet
309Kb / 3P
1/4 Longframe & TT/Bantam Patchcords
TTD3R SWITCH-TTD3R Datasheet
309Kb / 3P
1/4 Longframe & TT/Bantam Patchcords
TTD3Y SWITCH-TTD3Y Datasheet
309Kb / 3P
1/4 Longframe & TT/Bantam Patchcords
TTD4BK SWITCH-TTD4BK Datasheet
309Kb / 3P
1/4 Longframe & TT/Bantam Patchcords
TTD4GN SWITCH-TTD4GN Datasheet
309Kb / 3P
1/4 Longframe & TT/Bantam Patchcords
TT2GN SWITCH-TT2GN Datasheet
309Kb / 3P
1/4 Longframe & TT/Bantam Patchcords
TT3XMBK SWITCH-TT3XMBK Datasheet
309Kb / 3P
1/4 Longframe & TT/Bantam Patchcords
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com