Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC-1210 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ISC-1210
Description  Surface Mount, Molded, Shielded Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ISC-1210 Datasheet(HTML) 1 Page - Vishay Siliconix

  ISC-1210 Datasheet HTML 1Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISC-1210
Vishay Dale
www.vishay.com
58
Document Number 34060
Revision 28-Aug-02
For technical questions, contact Magnetics@vishay.com
Surface Mount, Molded, Shielded Inductor
— Dale
— Inductance value
— Date code
FEATURES
• Molded construction provides superior strength and
moisture resistance.
• Tape and reel packaging for automatic handling, 2000/
reel, EIA 481.
• Compatible with vapor phase, infrared and wave soldering
methods.
• Shielded construction minimizes coupling to other components.
PART MARKING
ELECTRICAL SPECIFICATIONS
Inductance Range: .01
µH to 100µH.
Inductance Tolerance:
± 20% for 0.01µH to 0.82µH.
± 10% for 1.0µH to 100µH standard. 2%, 3% and 5%
(also 1% on some values) tolerances available.
Temperature Range: - 55
°C to + 125°C.
Coilform Material: Non-magnetic for 0.01
µH to 0.10µH.
Powdered Iron for 0.12
µH to 100µH.
STANDARD ELECTRICAL SPECIFICATIONS
TEST EQUIPMENT
• H/P 4342A Q meter with Vishay Dale test fixture or equivalent.
• H/P 4191A RF Impedance Analyzer (for SRF measurements).
• Wheatstone Bridge.
TEST
SELF-
RATED
FREQ. RESONANT
DCR
DC
IND.
Q
L & Q
FREQ. MIN.
MAX.
CURRENT
(
µH)
TOL.
MIN. (MHz)
(MHz)
(Ohms)
(mA)
0.010
± 20%
50
50
1000
0.10
810
0.012
± 20%
50
50
1000
0.11
750
0.015
± 20%
50
50
1000
0.12
720
0.018
± 20%
50
50
1000
0.13
690
0.022
± 20%
45
50
1000
0.15
640
0.027
± 20%
45
50
1000
0.17
610
0.033
± 20%
45
50
1000
0.18
585
0.039
± 20%
40
50
1000
0.24
530
0.047
± 20%
40
50
1000
0.26
495
0.056
± 20%
40
50
1000
0.28
485
0.068
± 20%
40
50
1000
0.35
475
0.082
± 20%
38
50
900
0.45
460
0.10
± 20%
36
50
700
0.50
450
0.12
± 20%
40
25.2
500
0.20
630
0.15
± 20%
40
25.2
470
0.20
600
0.18
± 20%
40
25.2
400
0.24
580
0.22
± 20%
40
25.2
330
0.30
565
0.27
± 20%
40
25.2
310
0.33
500
0.33
± 20%
40
25.2
280
0.36
475
0.39
± 20%
40
25.2
230
0.40
465
0.47
± 20%
40
25.2
220
0.44
460
0.56
± 20%
40
25.2
200
0.46
455
0.68
± 20%
40
25.2
180
0.48
450
0.82
± 20%
40
25.2
160
0.50
450
1.0
± 10%
30
7.96
120
0.60
400
1.2
± 10%
30
7.96
110
0.65
390
1.5
± 10%
30
7.96
90.0
0.75
370
1.8
± 10%
30
7.96
85.0
0.85
350
2.2
± 10%
30
7.96
65.0
0.90
320
2.7
± 10%
30
7.96
60.0
1.00
290
3.3
± 10%
30
7.96
60.0
1.10
270
3.9
± 10%
30
7.96
58.0
1.20
250
4.7
± 10%
30
7.96
52.0
1.25
220
5.6
± 10%
30
7.96
50.0
1.40
210
6.8
± 10%
30
7.96
40.0
1.60
205
8.2
± 10%
30
7.96
35.0
1.65
195
10.0
± 10%
30
2.52
30.0
2.00
185
12.0
± 10%
30
2.52
24.0
2.30
175
15.0
± 10%
30
2.52
20.0
2.50
165
18.0
± 10%
30
2.52
17.0
2.70
155
22.0
± 10%
30
2.52
16.0
3.10
150
27.0
± 10%
30
2.52
14.5
3.30
125
33.0
± 10%
30
2.52
14.5
5.10
115
39.0
± 10%
30
2.52
14.0
5.90
105
47.0
± 10%
30
2.52
13.0
8.00
100
56.0
± 10%
30
2.52
11.5
10.0
95
68.0
± 10%
30
2.52
11.0
10.0
90
82.0
± 10%
30
2.52
11.0
11.0
85
100.0
± 10%
30
0.796
6.0
12.0
80
± 10%
INDUCTANCE
TOLERANCE
ISC-1210
MODEL
10
µH
INDUCTANCE
VALUE
DESCRIPTION
*Recommended minimum spacing between components.
DIMENSIONS in inches [millimeters]
0.030
[0.762]
Typ.
0.126
± 0.008
[3.20
± 0.203]
0.028
± 0.004
[0.711
± 0.102]
Typ.
0.006
[0.152]
Ref.
Typ.
0.098
± 0.008
[2.49
± 0.203]
0.087
± 0.008
[2.21
± 0.203]
Guidelines for
Parallel Component
Printed Circuit
Mounting Pads on
ISC-1210
Chip Inductors
0.118
[3.0]
0.118
[3.0]
0.020*
[0.508]
0.039
[1.0]
0.138
[3.5]
0.070
[1.8]
0.039
[1.0]
0.040
[1.02]
0.073 [1.85]
Ref.
SAP PART NUMBERING GUIDELINES (INTERNAL)
PRODUCT FAMILY
SIZE
See the end of this data book for conversion tables
INDUCTANCE
VALUE
PACKAGE
CODE
TOL.
IS
C
1
2
1
0
S
Y
1
0
0
K


Similar Part No. - ISC-1210

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ISC-1210 VISHAY-ISC-1210 Datasheet
79Kb / 2P
Surface Mount, Molded, Shielded Inductor
22-May-07
ISC-1210 VISHAY-ISC-1210 Datasheet
244Kb / 2P
SMD Magnetics Packaging Methods
15-Jan-14
ISC-1210 VISHAY-ISC-1210 Datasheet
80Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
02-Jun-15
ISC-1210 VISHAY-ISC-1210 Datasheet
63Kb / 2P
Wirewound, Surface-Mount, Molded, Shielded Inductors
10-Sep-2019
logo
ORing Industrial Networ...
ISC-1210F-I ORING-ISC-1210F-I Datasheet
1,014Kb / 3P
Industrial RS-422/485 repeater
More results

Similar Description - ISC-1210

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ISC1812 VISHAY-ISC1812 Datasheet
129Kb / 1P
Surface Mount, Molded, Shielded Inductors
28-Aug-02
IMC-1210-100 VISHAY-IMC-1210-100 Datasheet
88Kb / 1P
Surface Mount, Molded Inductor
28-Aug-02
IMC-1812 VISHAY-IMC-1812 Datasheet
87Kb / 2P
Surface Mount, Molded Inductor
26-Feb-06
IMC-1812 VISHAY-IMC-1812_07 Datasheet
88Kb / 3P
Surface Mount, Molded Inductor
22-May-07
IMC-1210 VISHAY-IMC-1210 Datasheet
84Kb / 2P
Surface Mount, Molded Inductor
16-Jan-06
ISC-1008 VISHAY-ISC-1008_06 Datasheet
399Kb / 3P
Surface Mount Wirewound Shielded Inductor
10-Aug-06
ISC-1210 VISHAY-ISC-1210 Datasheet
79Kb / 2P
Surface Mount, Molded, Shielded Inductor
22-May-07
ISC-1812 VISHAY-ISC-1812 Datasheet
282Kb / 3P
Surface Mount, Molded, Shielded Inductors
22-May-07
ISC-1008 VISHAY-ISC-1008_17 Datasheet
129Kb / 3P
Wirewound, Surface Mount, Shielded Inductor
10-Aug-06
ISC1008 VISHAY-ISC1008 Datasheet
127Kb / 3P
Wirewound, Surface Mount, Shielded Inductor
10-Aug-06
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com