Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDT10P611 Datasheet(PDF) 2 Page - Micon Design Technology Corporation

Part # MDT10P611
Description  8-bit micro-controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10P611 Datasheet(HTML) 2 Page - Micon Design Technology Corporation

  MDT10P611 Datasheet HTML 1Page - Micon Design Technology Corporation MDT10P611 Datasheet HTML 2Page - Micon Design Technology Corporation MDT10P611 Datasheet HTML 3Page - Micon Design Technology Corporation MDT10P611 Datasheet HTML 4Page - Micon Design Technology Corporation MDT10P611 Datasheet HTML 5Page - Micon Design Technology Corporation MDT10P611 Datasheet HTML 6Page - Micon Design Technology Corporation MDT10P611 Datasheet HTML 7Page - Micon Design Technology Corporation MDT10P611 Datasheet HTML 8Page - Micon Design Technology Corporation MDT10P611 Datasheet HTML 9Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MDT10P611
This specification are subject to be changed without notice. Any latest information please preview
http://www.mdtic.com.tw
P. 2
2011/08
Ver. 1.0
4. Pin Assignment
10P611P12/S12
PA2 1
14 PA3
PA1 2
13 PA4
PA0 3
12 PA5
VDD 4
11 VSS
PB5 5
10 PB0/INT
PB4 6
9 PB1
PB3 7
8 PB2/T0CI
5. Pin Function Description
Pin Name
I/O
Function Description
PA5~0
I/O
Port A, TTL input level.
PA5~PA0: Interrupt on pin change. Software select PWM2 output
Software controlled pull-high (100K/5V) /pull-low (100K/5V)
/open-drain.
PB5~0
I/O
Port B, TTL input level
PB0: External INT input. PB5~PB1: Interrupt on pin change.
PB5、4、2、1 Software select PWM1 output
Software controlled pull-high (100K/5V) /pull-low (100K/5V)
/open-drain.
PB3 input only.
VDD
Power supply
VSS
Ground
6. Memory Map
(A) Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com