Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC1005 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # KBPC1005
Description  3.0 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KBPC1005 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  KBPC1005 Datasheet HTML 1Page - List of Unclassifed Manufacturers KBPC1005 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Reformatted by Anglia 9907
RATING AND CHARACTERISTIC CURVES
KBPC100 SERIES
1
10
100
0
10
20
30
40
50
NUMBER OF CYCLES AT 60Hz
FIG 1 : MAXIMUM NON-REPETITIVE
SURGE CURRENT PER ELEMENT
150
0
1
2
3
4
0
50
100
TEMPERATURE °C
FIG 2 : DERATING CURVE FOR
RECTIFIED OUTPUT CURRENT
5
0
20
40
60
80
100
120
140
.01
0.1
1.0
50
PERCENT OF RATED PEAK
REVERSE VOLTAGE
FIG 4 : TYPICAL REVERSE
CHARACTERISTICS PER ELEMENT
TA = 25°C
8.3ms Single Half Sine Wave
TJ = 125°C
CASE
AMBIENT
10
TA = 125°C
.01
0.1
1.0
10
0.6
0.8
1.0
1.2
1.6
INSTANTANEOUS FORWARD
VOLTAGE, VOLTS
1.4
TJ = 25°C
Pulse Width = 300µs
FIG 3 : TYPICAL FORWARD
CHARACTERISTICS PER ELEMENT
E-MAIL: info@angliac.com
WEB: www.angliac.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com