Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N1183 Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # 1N1183
Description  Standard Recovery Diode, 35A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

1N1183 Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  1N1183 Datasheet HTML 1Page - Naina Semiconductor ltd. 1N1183 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor Ltd.
1N1183 thru
1N1186R
1
D-95, Sector 63, Noida – 201301, India
•
Tel: 0120-4205450
•
Fax: 0120-4273653
sales@nainasemi.com
•
www.nainasemi.com
Standard Recovery Diode, 35A
Features
Glass passivated die
Low forward voltage drop
High surge capability
Low leakage current
Normal and Reverse polarity
Metric and UNF threads available
Maximum Ratings (TJ = 25oC, unless otherwise noted)
Parameter
Test Conditions
Symbol
1N1183(R)
1N1184(R)
1N1185(R)
1N1186(R)
Units
Repetitive peak
reverse voltage
VRRM
50
100
150
200
V
RMS reverse voltage
VRMS
35
70
105
140
V
DC blocking voltage
VDC
50
100
150
200
V
Continuous forward
current
TC ≤ 140oC
IF(AV)
35
35
35
35
A
Surge non-repetitive
forward current,
half-sine wave
TC = 25oC
IFSM
595
595
595
595
A
Maximum peak
forward voltage
IF = 35 A, TJ = 25oC
VF
1.2
1.2
1.2
1.2
V
Reverse current
TJ = 25oC
IR
10
10
10
10
µA
TJ = 140oC
10
10
10
10
mA
Thermal & Mechanical Specifications (TJ = 25oC, unless otherwise noted)
Parameters
Symbol
1N1183(R)
1N1184(R)
1N1185(R)
1N1186(R)
Units
Thermal resistance, junction to case
Rth(JC)
0.25
0.25
0.25
0.25
oC/W
Operating junction temperature range
TJ
-55 to 160
-55 to 160
-55 to 160
-55 to 160
oC
Storage temperature
Tstg
-55 to 160
-55 to 160
-55 to 160
-55 to 160
oC
Mounting torque, non-lubricated threads,
tighting on nut
F
3.4 ± 10%
Nm
Approximate weight
W
16
g
DO-203AB (DO-5)


Similar Part No. - 1N1183

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
1N1183 DIOTEC-1N1183 Datasheet
160Kb / 2P
Silicon-Power Rectifiers
logo
Microsemi Corporation
1N1183 MICROSEMI-1N1183 Datasheet
128Kb / 2P
Silicon Power Rectifier
logo
International Rectifier
1N1183 IRF-1N1183 Datasheet
377Kb / 5P
35,40,and 60 Amp Power Silicon Rectifier Diodes
logo
Vishay Siliconix
1N1183 VISHAY-1N1183 Datasheet
274Kb / 6P
Power Silicon Rectifier Diodes, 35 A/40 A/60 A
04-Dec-12
logo
Diotec Semiconductor
1N1183 DIOTEC-1N1183 Datasheet
129Kb / 2P
Silicon-Power-Rectifiers
More results

Similar Description - 1N1183

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
10DDA20 NI-10DDA20_15 Datasheet
138Kb / 1P
Standard Recovery Diode
10EDA10 NI-10EDA10_15 Datasheet
141Kb / 1P
Standard Recovery Diode
10JDA10 NI-10JDA10_15 Datasheet
141Kb / 1P
Standard Recovery Diode
10JDA20 NI-10JDA20_15 Datasheet
137Kb / 1P
Standard Recovery Diode
20KDA20 NI-20KDA20_15 Datasheet
145Kb / 1P
Standard Recovery Diode
20KDA60 NI-20KDA60_15 Datasheet
145Kb / 1P
Standard Recovery Diode
logo
Naina Semiconductor ltd...
1N1187 NAINA-1N1187 Datasheet
556Kb / 2P
Standard Recovery Diode, 35A
1N3765 NAINA-1N3765 Datasheet
556Kb / 2P
Standard Recovery Diode, 35A
logo
Insel Rectifier India P...
DS2012SF IRI-DS2012SF Datasheet
464Kb / 5P
STANDARD RECOVERY DIODE
DS2002SD IRI-DS2002SD Datasheet
423Kb / 5P
STANDARD RECOVERY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com