Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC103 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KBPC103
Description  3.0 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KBPC103 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KBPC103 Datasheet HTML 1Page - List of Unclassifed Manufacturers KBPC103 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBPC100 SERIES
3.0 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
3 Amperes
19.0
min
6.9
5.8
FEATURES
Plastic material has Underwriters Laboratory
flammability classification 94V-0.
Low leakage.
Surge overload rating - 50 amperes peak.
Ideal for printed circuit boards.
Exceeds environmental standards of
MIL - STD - 19500.
MECHANICAL DATA
: Reliable low cost construction utilizing
: moulded plastic technique results in
: inexpensive product.
: Leads, solderable per MIL - STD - 202,
: Method 208.
: Polarity symbols printed on body.
: 0.13 ounce, 3.8 grams.
Case
Terminals
Polarity
Weight
±
15.8
14.7
+
~
~
Dimensions in millimetres
Ø 0.8
2.7
1.7
11.3
10.3
Ø 3.8
Maximum Recurrent Peak Reverse Voltage
Maximum Bridge Input Voltage RMS
Maximum DC Blocking Voltage
Maximum Average Forward Current at
Peak Forward Surge Current, 8.3 ms single
half sine - wave super-imposed on rated load
50
50
100
100
200
200
400
400
600
600
800
800
1000
1000
35
70
140
280
420
560
700
3.0
2.0
50
TA = 25°C
Storage Temperature Range
Maximum Forward Voltage Drop
per Element at 1.5A DC
Maximum Reverse Current at Rated DC
Blocking Voltage per Element
Operating Temperature Range
1.2
10.0
1.0
- 55 to + 125
- 55 to + 150
VRRM
VRMS
VDC
IF(AV)
IFSM
IR
TJ
TSTG
VF
(see Fig 2)
(see Fig 1)
(see Fig 3)
(see Fig 4)
V
V
A
A
V
V
µA
mA
°C
°C
TA = 100°C
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
KBPC110
KBPC1005 KBPC101 KBPC102
KBPC104 KBPC106 KBPC108
TC = 50°C*
TA = 50°C**
Notes * Unit mounted on metal heatsink.
** Unit mounted on P.C board.
300
300
210
KBPC103
Reformatted by Anglia 9907
E-MAIL: info@angliac.com
WEB: www.angliac.com


Similar Part No. - KBPC103

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBPC10 SEMTECH-KBPC10 Datasheet
215Kb / 2P
10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
GOOD-ARK Electronics
KBPC10 GOOD-ARK-KBPC10 Datasheet
49Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
List of Unclassifed Man...
KBPC10 ETC1-KBPC10 Datasheet
204Kb / 4P
10 to 40 Amp SINGLE PHASE SILICON BRIDGE
logo
Diotec Semiconductor
KBPC10 DIOTEC-KBPC10 Datasheet
329Kb / 2P
Silicon-Bridge-Rectifiers
logo
List of Unclassifed Man...
KBPC10 ETC2-KBPC10 Datasheet
431Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIERS
More results

Similar Description - KBPC103

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
List of Unclassifed Man...
KBL0 ETC-KBL0 Datasheet
123Kb / 2P
4.0 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC2500-BR250 ETC-KBPC2500-BR250 Datasheet
124Kb / 2P
25 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC3500 ETC1-KBPC3500 Datasheet
142Kb / 2P
35 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
WL005M ETC1-WL005M Datasheet
89Kb / 2P
1.0 AMPERE MINIATURE SINGLE PHASE SILICON BRIDGE
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
BR3505 LUGUANG-BR3505 Datasheet
291Kb / 2P
Single-phase Silicon Bridge Rectifier
logo
New Jersey Semi-Conduct...
2KBP005M NJSEMI-2KBP005M Datasheet
119Kb / 1P
2.0 AMPERE MINIATURE SINGLE PHASE SILICON BRIDGE
logo
GeneSiC Semiconductor, ...
BR106 GENESIC-BR106_16 Datasheet
289Kb / 3P
Single Phase Silicon Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com