Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WR13AF Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # WR13AF
Description  General Specifications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

WR13AF Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  WR13AF Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. WR13AF Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. WR13AF Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. WR13AF Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. WR13AF Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Series WR
Environmentally Sealed Rockers
B128
B
www.nkkswitches.com
TYPICAL SWITCH DIMENSIONS
WR13AF
WR11 model does not have terminal 1.
.250” (6.35mm) Quick Connect Terminals
WR15BL
WR11 model does not have terminal 1.
Wire Lead Terminals
Panel Thickness
.039” ~ .157”
(1.0mm ~ 4.0mm)
Panel Thickness
.039” ~ .157”
(1.0mm ~ 4.0mm)
STANDARD WIRE COLOR SCHEME
Terminal Numbers & Wire Colors
1a
1
1b
WR11
Black
White
WR12-19
White
Black
Red
Wire leads are covered with heat
resistant vinyl in accordance with
UL 1015 and CSA TEW 105
Standards for Appliance Wiring
Material (AWM).
(34.2)
1.346
(25.4)
1.00
(39.5)
1.555
(200.0)
7.874
(10.0)
.394
(20.0)
24°
(2.5)
.098
+–
(7.8)
.307
(41.0)
1.614
(30.0)
1.181
(12.9)
.508
(24.0)
.945
NKK P/N This Side
(17.2)
.677
1a
1b
1
(17.2)
.677
(34.2)
1.346
+ 0.3
– 0.0
+ 0.3
– 0.0
(17.2)
.677
(34.2)
1.346
+ 0.3
– 0.0
+ 0.3
– 0.0
(34.2)
1.346
(41.35)
1.628
(2.5)
.098
(7.8)
.307
24˚
(10.75)
.423
(25.4)
1.00
(1.65)
.065
Dia Typ
(0.8)
.031
Typ
(7.95)
.313
(6.35)
.250
(7.5)
.295
(3.95)
.156
(28.8)
1.134
(15.8)
.622
(17.2)
.677
1a
1b
(22.6)
.890
(3.6)
.142
1
(41.0)
1.614
(30.0)
1.181
(12.9)
.508
(24.0)
.945
NKK P/N This Side



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com