Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L182 Datasheet(PDF) 1 Page - IXYS Corporation

Part # L182
Description  HiPerFRED Epitaxial Diode with soft recovery
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L182 Datasheet(HTML) 1 Page - IXYS Corporation

  L182 Datasheet HTML 1Page - IXYS Corporation L182 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
1 - 2
HiPerFREDTM Epitaxial Diode
with soft recovery
Features
q
International standard package
q
Planar passivated chips
q
Very short recovery time
q
Extremely low switching losses
q
Low I
RM-values
q
Soft recovery behaviour
q
Epoxy meets UL 94V-0
Applications
q
Antiparallel diode for high frequency
switching devices
q
Antisaturation diode
q
Snubber diode
q
Free wheeling diode in converters
and motor control circuits
q
Rectifiers in switch mode power
supplies (SMPS)
q
Inductive heating
q
Uninterruptible power supplies (UPS)
q
Ultrasonic cleaners and welders
Advantages
q
Avalanche voltage rated for reliable
operation
q
Soft reverse recovery for low
EMI/RFI
q
Low I
RM reduces:
- Power dissipation within the diode
- Turn-on loss in the commutating
switch
Dimensions see outlines.pdf
C
A
A = Anode, C = Cathode, TAB = Cathode
C
A
TO-220 AC
C (TAB)
Pulse test: x Pulse Width = 5 ms, Duty Cycle < 2.0 %
y Pulse Width = 300
ms, Duty Cycle < 2.0 %
Data according to IEC 60747 and per diode unless otherwise specified
IXYS reserves the right to change limits, test conditions and dimensions.
DSEP 8-06A
I
FAV
= 10 A
V
RRM = 600 V
t
rr
= 35 ns
V
RSM
V
RRM
Type
V
V
600
600
DSEP 8-06A
Symbol
Conditions
Maximum Ratings
I
FRMS
35
A
I
FAVM
T
C = 135°C; rectangular, d = 0.5
10
A
I
FSM
T
VJ = 45°C; tp = 10 ms (50 Hz), sine
50
A
E
AS
T
VJ = 25°C; non-repetitive
0.1
mJ
I
AS = 0.9 A; L = 180 µH
I
AR
V
A = 1.5·VR typ.; f = 10 kHz; repetitive
0.1
A
T
VJ
-55...+175
°C
T
VJM
175
°C
T
stg
-55...+150
°C
P
tot
T
C = 25°C
60
W
M
d
mounting torque
0.4...0.6
Nm
Weight
typical
2
g
Symbol
Conditions
Characteristic Values
typ.
max.
I
R
x
T
VJ = 25°C
V
R = VRRM
60
mA
T
VJ = 150°C VR = VRRM
0.25
mA
V
F
y
I
F = 10 A;
T
VJ = 150°C
1.42
V
T
VJ = 25°C
2.10
V
R
thJC
2.5
K/W
R
thCH
0.5
K/W
t
rr
I
F = 1 A; -di/dt = 50 A/
ms;
35
ns
V
R = 30 V; TVJ = 25°C
I
RM
V
R = 100 V;
I
F = 12 A; -diF/dt = 100 A/
ms4.4
A
T
VJ = 100°C


Similar Part No. - L182

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L1820 ETC2-L1820 Datasheet
523Kb / 4P
Tough enough for industrial environments.
logo
3M Electronics
L1820 3M-L1820 Datasheet
344Kb / 5P
Cushion-Mount™ Plus Plate Mounting Tapes with Easy Mount Adhesive
Mar-2017
logo
List of Unclassifed Man...
L1820C ETC2-L1820C Datasheet
523Kb / 4P
Tough enough for industrial environments.
L1820P ETC2-L1820P Datasheet
523Kb / 4P
Tough enough for industrial environments.
More results

Similar Description - L182

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L507 IXYS-L507 Datasheet
37Kb / 2P
HiPerFRED Epitaxial Diode with soft recovery
DSEP29-12A IXYS-DSEP29-12A Datasheet
35Kb / 2P
HiPerFRED Epitaxial Diode with soft recovery
DSEP8-03A IXYS-DSEP8-03A Datasheet
36Kb / 2P
HiPerFRED Epitaxial Diode with soft recovery
DSEP2X61-06A IXYS-DSEP2X61-06A Datasheet
39Kb / 2P
HiPerFRED Epitaxial Diode with soft recovery
DSEP12-12A IXYS-DSEP12-12A Datasheet
35Kb / 2P
HiPerFRED Epitaxial Diode with soft recovery
DSEP60-12AR IXYS-DSEP60-12AR Datasheet
27Kb / 1P
HiPerFRED Epitaxial Diode with soft recovery
DSEP60-025A IXYS-DSEP60-025A Datasheet
15Kb / 1P
HiPerFRED Epitaxial Diode with soft recovery
DSEP8-03AS IXYS-DSEP8-03AS Datasheet
50Kb / 2P
HiPerFRED Epitaxial Diode with soft recovery
DSEP40-03AS IXYS-DSEP40-03AS Datasheet
27Kb / 1P
HiPerFRED Epitaxial Diode with soft recovery
DSEP12-12B IXYS-DSEP12-12B Datasheet
158Kb / 2P
HiPerFRED Epitaxial Diode with soft recovery
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com