Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L507 Datasheet(PDF) 2 Page - IXYS Corporation

Part # L507
Description  HiPerFRED Epitaxial Diode with soft recovery
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L507 Datasheet(HTML) 2 Page - IXYS Corporation

  L507 Datasheet HTML 1Page - IXYS Corporation L507 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2003 IXYS All rights reserved
2 - 2
200
600
1000
0
400
800
0
10
20
30
40
50
100
1000
0
400
800
1200
1600
2000
2400
200
600
1000
0
400
800
60
80
100
120
140
160
0.0001
0.001
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
040
80
120
160
0.0
0.5
1.0
1.5
2.0
K
f
T
VJ
°C
-di
F/dt
t
s
K/W
0
200
400
600
800
1000
0
10
20
30
40
50
60
0.00
0.25
0.50
0.75
1.00
1.25
1.50
V
FR
di
F/dt
V
0.0
0.5
1.0
1.5
2.0
2.5
0
50
100
150
200
250
300
I
RM
Q
r
I
F
A
V
F
-di
F/dt
-di
F/dt
A/
µs
A
V
nC
A/
µs
A/
µs
t
rr
ns
t
fr
Z
thJC
A/
µs
µs
DSEP 2x101-04A
T
VJ = 100°C
V
R = 200
V
T
VJ = 100°C
V
R = 200
V
I
F = 200 A
I
F = 100 A
I
F =
50 A
I
F = 200 A
I
F = 100 A
I
F =
50 A
I
F = 200 A
I
F = 100 A
I
F =
50 A
T
VJ = 100°C
V
R = 200 V
I
RM
Q
r
t
fr
V
FR
T
VJ = 100°C
I
F = 100 A
T
VJ = 150°C
T
VJ = 100°C
T
VJ =
25°C
Fig. 3 Typ. peak reverse current
I
RM versus
-di
F/dt
Fig. 2 Typ. reverse recovery charge
Q
r versus -diF/dt
Fig. 1 Forward current I
F versus VF
Fig. 4 Typ. dynamic parameters
Q
r, IRM
versus T
VJ
Fig. 5 Typ. recovery time
t
rr versus -diF/dt
Fig. 6 Peak forward voltage
V
FR and tfr versus diF/dt
Fig. 7 Transient thermal resistance junction to case
Constants for Z
thJC calculation:
iR
thi (K/W)
t
i (s)
1
0.212
0.0055
2
0.248
0.0092
3
0.063
0.0007
4
0.077
0.0391
DSEP 2x 101-04A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com