Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L566 Datasheet(PDF) 2 Page - IXYS Corporation

Part # L566
Description  Three Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L566 Datasheet(HTML) 2 Page - IXYS Corporation

  L566 Datasheet HTML 1Page - IXYS Corporation L566 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2002 IXYS All rights reserved
2 - 2
IXYS reserves the right to change limits, test conditions and dimensions.
VUE 130-12NO7
B3
200
600
1000
0400
800
160
200
240
280
0,0001
0,001
0,01
0,1
1
10
0,01
0,1
1
040
80
120
160
0,0
0,5
1,0
1,5
2,0
K
f
T
VJ
C
-di
F/dt
t
s
K/W
0
200
400
600
800
1000
0
40
80
120
0,0
0,4
0,8
1,2
V
FR
di
F/dt
V
200
600
1000
0
400
800
0
20
40
60
80
100
100
1000
0
2
4
6
8
10
01
23
0
20
40
60
80
100
I
RM
Q
r
I
F
A
V
F
-di
F/dt
-di
F/dt
A/
µs
A
V
µC
A/
µs
A/
µs
t
rr
ns
t
fr
A/
µs
µs
Z
thJC
DWLP55-12
DWLP55-12
DWLP55-12
VUE130-12
DWLP55-12
I
RM
Q
r
DWLP55-12
t
fr
V
FR
DWLP55-12
T
VJ = 150°C
T
VJ = 100°C
T
VJ =
25°C
T
VJ
= 100°C
V
R
= 600 V
T
VJ
= 100°C
V
R
= 600 V
I
F
=30 A
I
F
=15 A
I
F
=7.5 A
I
F
=30 A
I
F
=15 A
I
F
=7.5 A
T
VJ
= 100°C
V
R
= 600 V
T
VJ
= 100°C
V
R
=15 A
I
F
=30 A
I
F
=15 A
I
F
=7.5 A
Fig. 3 Peak reverse current I
RM
versus -di
F/dt
Fig. 2 Reverse recovery charge Q
r
versus -di
F/dt
Fig. 1 Forward current I
F versus VF
Fig. 4 Dynamic parameters Q
r, IRM
versus T
VJ
Fig. 5 Recovery time t
rr versus -diF/dt
Fig. 6 Peak forward voltage V
FR and tfr
versus di
F/dt
Fig. 7 Typical transient thermal resistance junction to case
NOTE: Fig. 2 to Fig. 6 shows typical values



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com