Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTZ110A19K Datasheet(PDF) 2 Page - IXYS Corporation

Part # HTZ110A19K
Description  High Voltage Diode Rectifier Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

HTZ110A19K Datasheet(HTML) 2 Page - IXYS Corporation

  HTZ110A19K Datasheet HTML 1Page - IXYS Corporation HTZ110A19K Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LARONTROL
Electronic Devices
Distributed by:
IXYS Corporation • 3540 Bassett Street • Santa Clara, CA 95054 • Phone: 408-982-0700 • Fax: 408-496-0670
IXYS Semiconductor GmbH • Edisonstraße 15 • D-68623 Lampertheim • Phone: +49-6206-503-249 • Fax: +49-6206-503627
HTZ110A Series
High Voltage
I
F(AV) = 3.5 A
Diode Rectifier
V
RRM = 25000 V
Module



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com