Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTZ110A Datasheet(PDF) 1 Page - IXYS Corporation

Part # HTZ110A
Description  High Voltage Diode Rectifier Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

HTZ110A Datasheet(HTML) 1 Page - IXYS Corporation

  HTZ110A Datasheet HTML 1Page - IXYS Corporation HTZ110A Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LARONTROL
Electronic Devices
Distributed by
USA
3540 Bassett Street
Santa Clara, CA 95054
Phone: (408) 982-0700
FAX: (408) 496-0670
EUROPE
IXYS Semiconductor GmbH
Lampertheim Germany
Phone: +49.6206.503.0
Fax: +49.6206.503.627
www.IXYS.
com
Type
Number
Repetitive
Peak
Minimum
Avalanche
Voltage
V
(BR)R
CIRCUIT DIAGRAM
IXYS reserves the right to change limits, test conditions and dimensions.
HTZ110A Series
High Voltage
I
F(AV) = 3.5 A
Diode Rectifier
V
RRM = 25000 V
Module
C e ntre Ta p
-V
RR M -
_
+
CURRENT RATINGS - AIR COOLED
I
F(AV)
Mean forward current
Half wave resistive load T
amb = 35ºC
3.5
A
I
F
Continuous (direct) forward current
T
amb = 35ºC
4.3
A
R
th(j-a)
Thermal resistance junction to ambient
2.3 ºC/W
CURRENT RATINGS - OIL COOLED
I
F(AV)
Mean forward current
Half wave resistive load T
oil = 60ºC
5.7
A
I
T
Continuous (direct) forward current
T
oil = 60ºC
7.0
A
R
th(j-o)
Thermal resistance junction to oil
0.93 ºC/W
SURGE RATINGS
I2t
I2t for fusing
10 ms half sine T
vj = 150ºC
200 A2sec
I
FSM
Surge (non-repetitive) forward current
T
vj = 150ºC
200
A
TEMPERATURE AND FREQUENCY RATINGS
T
vj
Virtual junction temperature
Forward (conducting)
180
ºC
Reverse (blocking)
180
ºC
T
stg
Storage temperature range
-40 to 100
ºC
f
Frequency range
20 to 400
Hz
CHARACTERISTICS
T
case = 25ºC unless otherwise stated
V
FM
Forward voltage
At 12 Amps peak
max 18.3
V
I
RM
Peak reverse current
At V
RRM; Tcase = 150°C
max 0.5
mA
HTZ110A25K
25000
27200
HTZ110A22K
22000
24000
HTZ110A19K
19000
20800
HTZ110A16K
16000
17600
Dimensioned Outlines
Dimensions shown are maximum in mm
Weight typ.: 1,55 Kg
Issue 1 June 1998
368
48
48
348
150
150
300
6.8 DIA
TAPPED M6, 3 OFF
BOTH ENDS
ZA


Similar Part No. - HTZ110A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HTZ120A32K ETC-HTZ120A32K Datasheet
193Kb / 2P
High Voltage Diode Rectifier Module
HTZ120A38K ETC-HTZ120A38K Datasheet
193Kb / 2P
High Voltage Diode Rectifier Module
HTZ120A44K ETC-HTZ120A44K Datasheet
193Kb / 2P
High Voltage Diode Rectifier Module
HTZ120A51K ETC-HTZ120A51K Datasheet
193Kb / 2P
High Voltage Diode Rectifier Module
More results

Similar Description - HTZ110A

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSTKD82 POWERSEM-PSTKD82 Datasheet
205Kb / 3P
High Voltage Diode Module
logo
Shenzhen Luguang Electr...
SHV-05J LUGUANG-SHV-05J Datasheet
382Kb / 1P
High Voltage Rectifier Diode
logo
List of Unclassifed Man...
HTZ120A51K ETC-HTZ120A51K Datasheet
193Kb / 2P
High Voltage Diode Rectifier Module
logo
Sanken electric
SHV-02JN SANKEN-SHV-02JN Datasheet
145Kb / 5P
High Voltage Rectifier Diode
SHV-06JN SANKEN-SHV-06JN Datasheet
146Kb / 5P
High Voltage Rectifier Diode
logo
EIC discrete Semiconduc...
SHV-06HN EIC-SHV-06HN Datasheet
120Kb / 1P
HIGH VOLTAGE RECTIFIER DIODE
logo
GETAI ELECTRONICS DEVIC...
HVM09-350 GETEDZ-HVM09-350_V01 Datasheet
507Kb / 2P
High Voltage Rectifier Diode
HVM09-450 GETEDZ-HVM09-450_V01 Datasheet
507Kb / 2P
High Voltage Rectifier Diode
HVM12-350 GETEDZ-HVM12-350_V01 Datasheet
506Kb / 2P
High Voltage Rectifier Diode
HVM16-YB GETEDZ-HVM16-YB Datasheet
507Kb / 2P
High Voltage Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com