Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA200P Datasheet(PDF) 2 Page - LEM

Part # LA200P
Description  CURRENT TRANSDUCER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LA200P Datasheet(HTML) 2 Page - LEM

  LA200P Datasheet HTML 1Page - LEM LA200P Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Remarks
•I
S is positive when IP flows in the direction of the arrow.
•Temperature of the primary conductor should not exceed
90°C.
•Dynamic performances (di/dt and response time) are best
with a primary bar in low position in the through-hole.
•In order to achieve the best magnetic coupling, the primary
windings have to be wound over the top edge of the device.
•This is a standard model. For different versions (supply
voltages, turns ratios, unidirectional measurements...),
please contact us.
Mechanical characteristics
•General tolerance
± 0.2 mm
•Primary through-hole
17 x 11 mm
•Fastening & connection of primary 4 pins 0.63 x 0.56 mm
Recommended PCB hole
0.9 mm
•Supplementary fastening
2 holes
∅ 1.75 mm
Recommended PCB hole
2.4 mm
Recommended screws
K A 22 x 6
LEM code
47.30.60.006.0
Dimensions LA 200-P (in mm. 1 mm = 0.0394 inch)
Bottom view
Front view
Left view
Secondary terminals
Terminal - : supply voltage - 12 .. 15 V
Terminal M : measure
Terminal + : supply voltage + 12 .. 15 V
Terminal
: NC
Connection
Standard 00
or N° SP..
year week
swiss
made
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com