Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBAT54C Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LBAT54C
Description  Dual Series Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBAT54C Datasheet(HTML) 1 Page - Leshan Radio Company

  LBAT54C Datasheet HTML 1Page - Leshan Radio Company LBAT54C Datasheet HTML 2Page - Leshan Radio Company LBAT54C Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
LBAT54CLT1–1/2
1
3
2
DEVICE MARKING
LBAT54CLT1 = KL3
MAXIMUM RATINGS (T J = 125°C unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Voltage
V R
30
Volts
Forward Power Dissipation
P F
@ T A = 25°C
225
mW
Derate above 25°C
1.8
mW/°C
Forward Current(DC)
IF
200Max
mA
Junction Temperature
T J
125Max
°C
Storage Temperature Range
T stg
–55 to +150
°C
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage (I R = 10
µA)
V(BR)R
30
—
—
Volts
Total Capacitance (V R = 1.0 V, f = 1.0 MHz)
CT
—
7.6
10
pF
Reverse Leakage (V R = 25 V)
IR
—
0.5
2.0
µAdc
Forward Voltage (I F = 0.1 mAdc)
VF
—
0.22
0.24
Vdc
Forward Voltage (I F = 30 mAdc)
VF
—
0.41
0.5
Vdc
Forward Voltage (I F = 100 mAdc)
VF
—
0.52
0.8
Vdc
Reverse Recovery Time
(I F = I R = 10 mAdc, I R(REC) = 1.0 mAdc, Figure 1)
trr
—
—
5.0
ns
Forward Voltage (I F = 1.0 mAdc)
VF
—
0.29
0.32
Vdc
Forward Voltage (I F = 10 mAdc)
VF
—
0.35
0.40
Vdc
Forward Current (DC)
IF
—
—
200
mAdc
Repetitive Peak Forward Current
IFRM
—
—
300
mAdc
Non–Repetitive Peak Forward Current (t < 1.0 s)
IFSM
—
—
600
mAdc
LBAT54CLT1
These Schottky barrier diodes are designed for high speed switch-
ing applications, circuit protection, and voltage clamping. Extremely
low forward voltage reduces conduction loss. Miniature surface mount
package is excellent for hand held and portable applications where
space is limited.
• Extremely Fast Switching Speed
• Low Forward Voltage — 0.35 Volts (Typ) @ I F = 10 mAdc
ORDERING INFORMATION
Device
Package
Shipping
LBAT54CLT1
SOT–23
3000/Tape & Reel
Preferred: devices are recommended choices for future use and best overall value.
3
CATHODE
ANODE
1
ANODE
2
Dual Series Schottky
Barrier Diodes
SOT-23


Similar Part No. - LBAT54C

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBAT54CLT1G LRC-LBAT54CLT1G Datasheet
77Kb / 3P
Dual Series Schottky Barrier Diodes Extremely Fast Switching Speed
LBAT54CLT1G LRC-LBAT54CLT1G_15 Datasheet
180Kb / 3P
Dual Series Schottky Barrier Diodes
LBAT54CLT3G LRC-LBAT54CLT3G Datasheet
77Kb / 3P
Dual Series Schottky Barrier Diodes Extremely Fast Switching Speed
LBAT54CWT1 LRC-LBAT54CWT1 Datasheet
61Kb / 3P
Dual Series Schottky Barrier Diodes
LBAT54CWT1G LRC-LBAT54CWT1G Datasheet
64Kb / 3P
Dual Series Schottky Barrier Diodes Extremely Fast Switching Speed
More results

Similar Description - LBAT54C

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BAT54SWT1 LRC-BAT54SWT1 Datasheet
61Kb / 2P
Dual Series Schottky Barrier Diodes
LBAT54LT1 LRC-LBAT54LT1 Datasheet
76Kb / 3P
Dual Series Schottky Barrier Diodes
logo
ON Semiconductor
BAT54CTT1 ONSEMI-BAT54CTT1 Datasheet
48Kb / 4P
Dual Series Schottky Barrier Diodes
October, 2005 ??Rev. 2
BAT54CLT1 ONSEMI-BAT54CLT1 Datasheet
51Kb / 4P
Dual Series Schottky Barrier Diodes
September, 2005 ??Rev. 3
logo
Leshan Radio Company
LBAT54AWT1G LRC-LBAT54AWT1G Datasheet
94Kb / 3P
Dual Series Schottky Barrier Diodes
logo
ON Semiconductor
SBAT54SLT1G ONSEMI-SBAT54SLT1G Datasheet
121Kb / 4P
Dual Series Schottky Barrier Diodes
November, 2011 ??Rev. 15
logo
Leshan Radio Company
LBAT54SWT1G LRC-LBAT54SWT1G_15 Datasheet
201Kb / 3P
Dual Series Schottky Barrier Diodes
LRB715FT1G LRC-LRB715FT1G Datasheet
236Kb / 3P
Dual Series Schottky Barrier Diodes
logo
First Silicon Co., Ltd
FDR54SE FS-FDR54SE Datasheet
246Kb / 3P
Dual Series Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
BAT54SW AITSEMI-BAT54SW Datasheet
730Kb / 6P
SCHOTTKY DIODES DUAL SERIES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com