Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6158HWSC Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT6158HWSC
Description  High Efficiency, Low Quiescent, 3A Buck-Boost Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6158HWSC Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT6158HWSC Datasheet HTML 4Page - Richtek Technology Corporation RT6158HWSC Datasheet HTML 5Page - Richtek Technology Corporation RT6158HWSC Datasheet HTML 6Page - Richtek Technology Corporation RT6158HWSC Datasheet HTML 7Page - Richtek Technology Corporation RT6158HWSC Datasheet HTML 8Page - Richtek Technology Corporation RT6158HWSC Datasheet HTML 9Page - Richtek Technology Corporation RT6158HWSC Datasheet HTML 10Page - Richtek Technology Corporation RT6158HWSC Datasheet HTML 11Page - Richtek Technology Corporation RT6158HWSC Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
RT6158H
9
DS6158H-00
March 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Protection
Type
Threshold Refer
to Electrical spec.
Protection Method
Shut Down Delay Time
Reset Method
OCP
IL > 6.5A
Turn on B, D MOS
CL will trigger right
away.
IL < 6.5A
UVP
VIN < 1.9V
Shutdown
100
s
VIN > 2.3V
OTP
TEMP > 160°C
Shutdown
No delay
OTP Hysteresis = 20°C
Output OVP VOUT > 5.6V
Stop switching
No delay
VOUT < 5.3V
SCP
VOUT < 1.2V
fSW become 1/4
No delay
After FAULT 40ms
 
Inductor Selection
The recommended power inductor is 1
μH with over 6.5A
saturation current rating. In applications, need to select
an inductor with the low DCR to provide good performance
and efficiency.
Input and Output Capacitor Selection
The input and output capacitors should be ceramic X5R
type with low ESL and ESR. The recommended input
capacitor value is 2 x 10
μF. The recommended output
capacitor value is 2 x 22
μF.
The output capacitor selection determines the output
voltage ripple and transient response. It is recommended
to use ceramic capacitors placed as close as possible to
the VOUT and GND pins of the IC. If, for any reason, the
application requires the use of large capacitors which
cannot be placed close to the IC, using a small ceramic
capacitor in parallel to the large one is recommended.
This small capacitor should be placed as close as possible
to the VOUT and GND pins of the IC. The output voltage
ripple for a given output capacitor is expressed as follows:
If the RT6158H operates in Buck mode, the worst-case
voltage ripple occurs at the highest input voltage. When
the Buck-boost operates in Boost mode, the worst-case
voltage ripple occurs at the lowest input voltage. The
maximum voltage of overshoot or undershoot, is inversely
proportional to the value of the output capacitor. For surface
mount applications, Taiyo Yuden or TDK ceramic
capacitors, X7R series Multi-layer Ceramic Capacitor is
recommended. A capacitor with a value in the range of the
calculated minimum should be used. This is required to
maintain control loop stability. There are no additional
requirements regarding minimum ESR. Low ESR
capacitors should be used to minimize output voltage
ripple. Larger capacitors will cause lower output voltage
ripple as well as lower output voltage drop during load
transients.
Thermal Considerations
The junction temperature should never exceed the
absolute maximum junction temperature TJ(MAX), listed
under Absolute Maximum Ratings, to avoid permanent
damage to the device. The maximum allowable power
dissipation depends on the thermal resistance of the IC
package, the PCB layout, the rate of surrounding airflow,
and the difference between the junction and ambient
temperatures. The maximum power dissipation can be
calculated using the following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TAis
the ambient temperature, and
θJA is the junction-to-ambient
thermal resistance.
For continuous operation, the maximum operating junction
temperature indicated under Recommended Operating
Conditions is 125
°C. The junction-to-ambient thermal
resistance,
θJA, is highly package dependent. For a WL-
CSP-25B 2.07x2.33 (BSC) package, the thermal
resistance,
θJA, is 35.7°C/W on a standard JEDEC 51-7
high effective-thermal-conductivity four-layer test board.
The maximum power dissipation at TA = 25
°C can be
calculated as below :
PD(MAX) = (125
°C − 25°C) / (35.7°C/W) = 2.8W for a WL-
CSP-25B 2.07x2.33 (BSC) package.
The maximum power dissipation depends on the operating
ambient temperature for the fixed TJ(MAX) and the thermal
resistance,
θJA. The derating curves in Figure 1 allows
the designer to see the effect of rising ambient temperature
on the maximum power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com