Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFTC-2000 Datasheet(PDF) 1 Page - Mini-Circuits

Part # LFTC-2000
Description  Low Pass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LFTC-2000 Datasheet(HTML) 1 Page - Mini-Circuits

  LFTC-2000 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Low Pass Filter Electrical Specifications (TAMB=25°C)
Maximum Ratings
Features
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 125°C
• miniature size, 0.15"X0.15"X.028"
• low profile, .028" height
• high power handling, 10W
Applications
• harmonic rejection
• internal rejection
• receivers & transmitters
Typical Performance Data at 25°C
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
1.00
0.04
1.01
1000.00
0.39
1.22
1500.00
0.53
1.17
2000.00
0.77
1.13
2430.00
2.98
3.23
3000.00
15.33
23.65
3500.00
25.15
36.03
4000.00
33.38
38.95
4600.00
46.96
43.22
5000.00
64.27
44.76
6000.00
38.59
45.25
7000.00
29.45
31.94
8000.00
21.74
19.74
9000.00
26.73
12.84
LFTC-2000
INSERTION LOSS
0
10
20
30
40
50
60
70
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
FREQUENCY (MHz)
LFTC-2000
VSWR
1
10
100
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
FREQUENCY (MHz)
CASE STYLE: FR933
PRICE: $3.75 ea. QTY (10-49)
LFTC-2000
DC-2000
2430
3450
4500-5500
8000
1.2
10
LF8
7
MODEL
NO.
PASSBAND
(MHz)
fco, MHz
Nom.
(loss 3 dB)
Typ.
VSWR (:1)
Passband
POWER
INPUT*
(W)
STOP BAND (MHz)
Typ.
(loss < 1 dB)
Typ.
( > 20 dB) ( loss> 40 dB)
fr20dB
Typ.
* Derate linearly to 4W at 100°C ambient
Pin Connections
RF IN
2**
RF OUT
5**
GROUND
1,3,4,6
** RF IN & RF OUT can be interchanged
RF IN
RF OUT
schematic
schematic
schematic
schematic
schematic
typical frequency response
typical frequency response
typical frequency response
typical frequency response
typical frequency response
R 20dB
co
f
f
20dB
3dB
40dB
Outline Drawing
Demo Board MCL P/N: TB-233
Suggested PCB Layout (PL-112)
Outline Dimensions (
)
inch
mm
AB
C
D
E
F
G
.150
.150
.028
—
—
.035
.028
3.81
3.81
0.71
—
—
0.89
0.71
H
J
K
L
M
N
P
wt.
—
.060
.030
.184
.050
.075
.044 grams
—
1.52
0.76
4.67
1.27
1.91
1.12
0.15
DC to 2000 MHz
Low Pass Filter
Ceramic
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
REV. E
M88950
LFTC-2000
EDB-020614
AD/YB/CP
030918
LFTC-2000
NEW!


Similar Part No. - LFTC-2000

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFTC-1350 MINI-LFTC-1350 Datasheet
112Kb / 1P
Low Pass Filter(DC to 1350 MHz)
LFTC-1700 MINI-LFTC-1700 Datasheet
111Kb / 1P
Low Pass Filter
LFTC-3300 MINI-LFTC-3300 Datasheet
111Kb / 1P
Low Pass Filter
LFTC-4000 MINI-LFTC-4000 Datasheet
111Kb / 1P
Low Pass Filter
LFTC-5400 MINI-LFTC-5400 Datasheet
111Kb / 1P
Low Pass Filter
More results

Similar Description - LFTC-2000

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
Low Pass Filter
LFCV-45+ MINI-LFCV-45+ Datasheet
170Kb / 1P
Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
LOW PASS filter
logo
Mini-Circuits
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4 MINI-BLP-21.4 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4-75 MINI-BLP-21.4-75 Datasheet
195Kb / 1P
Low Pass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com