Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2485 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2485
Description  220V Triple Bias Clamp with G1 Blank Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2485 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2485 Datasheet HTML 1Page - National Semiconductor (TI) LM2485 Datasheet HTML 2Page - National Semiconductor (TI) LM2485 Datasheet HTML 3Page - National Semiconductor (TI) LM2485 Datasheet HTML 4Page - National Semiconductor (TI) LM2485 Datasheet HTML 5Page - National Semiconductor (TI) LM2485 Datasheet HTML 6Page - National Semiconductor (TI) LM2485 Datasheet HTML 7Page - National Semiconductor (TI) LM2485 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM2485
220V Triple Bias Clamp with G1 Blank Amplifier
General Description
The LM2485 is a triple channel clamp amplifier used to DC
restore the AC coupled outputs of a DTV CRT driver and for
cut-off adjustment. The LM2485 also has an integrated
blanking amplifier that can be used to drive the G1 grid of a
CRT negative for vertical retrace blanking. The blanking
output has a selectable pulse amplitude of either 20V
P-P or
40V
P-P via the Pin 13 option. The blanking input pulse can
be generated from a vertical flyback pulse or by a microcon-
troller.
The LM2485 can operate with a V
CC supply of up to 220V
andaV
BB supply of either 8V or 12V. This VBB option,
selectable via the Pin 12 option, ensures the LM2485 is
compatible with any National Semiconductor DTV CRT
driver sharing the same operating voltages in the applica-
tion.
The IC is packaged in an industry standard 24-lead molded
plastic dual-in-line package to meet high voltage spacing
requirements.
Features
n
V
CC capable of up to 220V
n
V
BB selectable to 8V or 12V via Pin 12 option
n
Wide bias output voltage range of over 100V
n
Inverted output pulse suitable for G1 blanking,
selectable to 20V
P-P or 40VP-P via Pin 13 option
Applications
n
AC coupled CRT applications using DTV formats up to
1080i
n
Well-matched to the NSC LM12XX Family of
Preamplifiers and LM242X/3X/5X Family of DTV CRT
Drivers
Pinout and Internal Block Diagram
20103433
FIGURE 1. Top View
Order Number LM2485NA
See NS Package Number N24C
December 2004
© 2004 National Semiconductor Corporation
DS201034
www.national.com


Similar Part No. - LM2485

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM248 NSC-LM248 Datasheet
388Kb / 15P
Quad 741 Op Amps LM149 Wide Band Decompensated (AV MIN = 5)
logo
STMicroelectronics
LM248 STMICROELECTRONICS-LM248 Datasheet
139Kb / 9P
FOUR UA741 QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Nov-1997
logo
Texas Instruments
LM248 TI-LM248 Datasheet
399Kb / 12P
QUADRUPLE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM248 STMICROELECTRONICS-LM248 Datasheet
97Kb / 5P
QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Mar-2002
logo
Texas Instruments
LM248 TI2-LM248 Datasheet
1Mb / 19P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED DECEMBER 2002
More results

Similar Description - LM2485

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2453 NSC-LM2453 Datasheet
823Kb / 14P
Monolithic Triple 6 nS CRT Driver With Integrated Clamp and G1 Blanking
LM2479 NSC-LM2479 Datasheet
78Kb / 4P
120V Triple Bias Clamp
LM2480 NSC-LM2480 Datasheet
84Kb / 4P
80V Triple Bias Clamp
LMV111 NSC-LMV111 Datasheet
337Kb / 9P
Operational Amplifier with Bias Network
LM2425 NSC-LM2425 Datasheet
1Mb / 11P
220V Monolithic Triple Channel 10 MHz CRT DTV Driver
LM2476 NSC-LM2476 Datasheet
1Mb / 12P
Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
LM2483 NSC-LM2483 Datasheet
706Kb / 8P
180V Triple Bias Clamp
LM2481 NSC-LM2481 Datasheet
451Kb / 8P
145V Triple Bias Clamp
LM2457 NSC-LM2457 Datasheet
839Kb / 14P
Monolithic Triple 7.5nS CRT Driver With Integrated Clamp and G1 Blanking
logo
Texas Instruments
LM2476 TI1-LM2476 Datasheet
1Mb / 16P
Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com