Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3232EBEP-L Datasheet(PDF) 13 Page - Exar Corporation

Part # SP3232EBEP-L
Description  True 3.0V to 5.5V RS-232 Transceivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3232EBEP-L Datasheet(HTML) 13 Page - Exar Corporation

Back Button SP3232EBEP-L Datasheet HTML 9Page - Exar Corporation SP3232EBEP-L Datasheet HTML 10Page - Exar Corporation SP3232EBEP-L Datasheet HTML 11Page - Exar Corporation SP3232EBEP-L Datasheet HTML 12Page - Exar Corporation SP3232EBEP-L Datasheet HTML 13Page - Exar Corporation SP3232EBEP-L Datasheet HTML 14Page - Exar Corporation SP3232EBEP-L Datasheet HTML 15Page - Exar Corporation SP3232EBEP-L Datasheet HTML 16Page - Exar Corporation SP3232EBEP-L Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
DEVICE PIN
HUMAN BODY
IEC61000-4-2
TESTED
MODEL
Air Discharge
Direct Contact
Level
Driver Outputs
+15kV
+15kV
+8kV
4
Receiver Inputs
+15kV
+15kV
+8kV
4
equipment from a person already holding
the equipment. The current is transferred
on to the keypad or the serial port of the
equipment directly and then travels through
the PCB and finally to the IC.
The circuit models in Figures 18 and 19 rep-
resent the typical ESD testing circuit used for
all three methods. The C
S is initially charged
with the DC power supply when the first
switch (SW1) is on. Now that the capacitor
is charged, the second switch (SW2) is on
while SW1 switches off. The voltage stored
in the capacitor is then applied through R
S,
the current limiting resistor, onto the device
under test (DUT). In ESD tests, the SW2
switch is pulsed so that the device under
test receives a duration of voltage.
For the Human Body Model, the current
limiting resistor (R
S) and the source capacitor
(C
S) are 1.5kΩ an 100pF, respectively. For
IEC-61000-4-2, the current limiting resistor
(R
S) and the source capacitor (CS) are 330Ω
an 150pF, respectively.
Figure 20. ESD Test Waveform for IEC61000-4-2
Figure 19. ESD Test Circuit for IEC61000-4-2
Table 3. Transceiver ESD Tolerance Levels
The higher C
S value and
lower R
S value in
the IEC61000-4-2 model are more stringent
than the Human Body Model. The larger
storage capacitor injects a higher voltage
to the test point when SW2 is switched on.
The lower current limiting resistor increases
the current charge onto the test point.
DESCRIPTION
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7000• www.exar.com
SP3222EB/SP3232EB_106_022316
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com