Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMM23P20 Datasheet(PDF) 1 Page - First Components International

Part # FMM23P20
Description  2.3A 20V P-Channel Enhancement-Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FMM23P20 Datasheet(HTML) 1 Page - First Components International

  FMM23P20 Datasheet HTML 1Page - First Components International FMM23P20 Datasheet HTML 2Page - First Components International FMM23P20 Datasheet HTML 3Page - First Components International FMM23P20 Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FMM23P20 2.3A 20V P-Channel Enhancement-Mode MOSFET
20V P-Channel Enhancement-Mode MOSFET
V
DS= -20V
RDS(ON), Vgs@-4.5V, Ids@-2.8A = 100mΩ
RDS(ON), Vgs@-2.5V, Ids@-2.0A = 150mΩ
Features
Advanced trench process technology
High Density Cell Design For Ultra Low On-Resistance
Fully Characterized Avalanche Voltage and Current
Improved Shoot-Through FOM
Maximum Ratings and Thermal Characteristics (T
A = 25
oC unless otherwise noted)
Symbol
Limit
Unit
VDS
-20
VGS
± 8
ID
-2.3
IDM
-10
TA = 25
oC
0.9
TA = 75
oC
0.57
TJ, Tstg
-55 to 150
oC
EAS
mJ
RθJC
Junction-to-Ambient Thermal Resistance (PCB mounted)
RθJA
145
Note: 1. Maximum DC current limited by the package
2. 1-in
2oz Cu PCB board
Feb '06 Rev 2
1
oC/W
Junction-to-Case Thermal Resistance
Parameter
V
A
W
Drain-Source Voltage
PD
Pulsed Drain Current
Avalanche Energy with Single Pulse
ID=50A, VDD=25V, L=0.5mH
Operating Junction and Storage Temperature Range
Continuous Drain Current
Gate-Source Voltage
Maximum Power Dissipation
N-Channel MOSFET
Top View
Internal Schematic Diagram
TO-236
(SOT-23)
Gate
Drain
Source
1)
2)
2


Similar Part No. - FMM23P20

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FMM230 RECTRON-FMM230 Datasheet
275Kb / 6P
LOW Vf SCHOTTKY BARRIER RECTIFIER
FMM230A RECTRON-FMM230A Datasheet
169Kb / 6P
LOW Vf SCHOTTKY BARRIER RECTIFIER
logo
First Components Intern...
FMM23N20 FCI-FMM23N20 Datasheet
123Kb / 3P
2.3A 20V N-Channel Enhancement-Mode MOSFET
More results

Similar Description - FMM23P20

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
20V P-Channel Enhancement Mode MOSFET
logo
Unisonic Technologies
UT2301Z UTC-UT2301Z Datasheet
165Kb / 4P
2.3A, 20V P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP21D0UT DIODES-DMP21D0UT_15 Datasheet
170Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP22D4UFA DIODES-DMP22D4UFA_15 Datasheet
159Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Central Semiconductor C...
PB_CMPDM202PH-1509 CENTRAL-PB_CMPDM202PH-1509 Datasheet
1Mb / 2P
20V, 2.3A P-Channel MOSFET
logo
First Components Intern...
FMM23N20 FCI-FMM23N20 Datasheet
123Kb / 3P
2.3A 20V N-Channel Enhancement-Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com