Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMP05P30 Datasheet(PDF) 1 Page - First Components International

Part # FMP05P30
Description  5.3A 30V P-Channel Enhancement-Mode MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FMP05P30 Datasheet(HTML) 1 Page - First Components International

  FMP05P30 Datasheet HTML 1Page - First Components International FMP05P30 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VDS= -30V
RDS(ON), Vgs@-10V, Ids@-5.3A = 59.4mΩ
RDS(ON), Vgs@-4.5V, Ids@-4.2A = 88mΩ
Features
Advanced trench process technology
High Density Cell Design For Ultra Low On-Resistance
Fully Characterized Avalanche Voltage and Current
Improved Shoot-Through FOM
Maximum Ratings and Thermal Characteristics (T
A = 25
oC unless otherwise noted)
Symbol
Limit
Unit
VDS
-30
VGS
+ 20
ID
-5.3
IDM
-20
TA = 25
oC
2.5
TA = 75
oC
TJ, Tstg
-55 to 150
oC
EAS
mJ
RθJC
30
Junction-to-Ambient Thermal Resistance (PCB mounted)
RθJA
50
Note: 1. Maximum DC current limited by the package
2. 1-in
2oz Cu PCB board
August '05 Rev 2
1
Avalanche Energy with Single Pulse
ID=50A, VDD=25V, L=0.5mH
Operating Junction and Storage Temperature Range
Continuous Drain Current
Gate-Source Voltage
Maximum Power Dissipation
P-Channel MOSFET
oC/W
Junction-to-Case Thermal Resistance
Parameter
V
A
W
Drain-Source Voltage
PD
Pulsed Drain Current
Top View
Internal Schematic Diagram
TSOP-6
Gate
Drain
Source
1)
2)
2
FMP05P30 5.3A 30V P-Channel Enhancement-Mode MOSFET


Similar Part No. - FMP05P30

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FMP05N50E FUJI-FMP05N50E Datasheet
495Kb / 5P
N-CHANNEL SILICON POWER MOSFET
FMP05N60E FUJI-FMP05N60E Datasheet
568Kb / 5P
N-CHANNEL SILICON POWER MOSFET
More results

Similar Description - FMP05P30

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
30V P-Channel Enhancement Mode MOSFET
logo
Hi-Sincerity Mocroelect...
H9435S HSMC-H9435S Datasheet
41Kb / 4P
P-Channel Enhancement-Mode MOSFET (-30V, -5.3A)
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2007
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
30V P-Channel ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
30V P-CHANNEL Enhancement Mode MOSFET
logo
E-CMOS Corporation
EC739435 E-CMOS-EC739435 Datasheet
311Kb / 8P
-30V,-5.3A P-Channel MOSFET
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
-30V PP-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com