Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4917 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4917
Description  Ground-Referenced, 95mW Stereo Headphone Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4917 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4917 Datasheet HTML 9Page - National Semiconductor (TI) LM4917 Datasheet HTML 10Page - National Semiconductor (TI) LM4917 Datasheet HTML 11Page - National Semiconductor (TI) LM4917 Datasheet HTML 12Page - National Semiconductor (TI) LM4917 Datasheet HTML 13Page - National Semiconductor (TI) LM4917 Datasheet HTML 14Page - National Semiconductor (TI) LM4917 Datasheet HTML 15Page - National Semiconductor (TI) LM4917 Datasheet HTML 16Page - National Semiconductor (TI) LM4917 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Application Information (Continued)
The value of R
f is 30k
Ω.
The last step in this design is setting the amplifier’s −3db
frequency bandwidth. To achieve the desired ±0.25dB pass
band magnitude variation limit, the low frequency response
must extend to at lease one−fifth the lower bandwidth limit
and the high frequency response must extend to at least five
times the upper bandwidth limit. The gain variation for both
response limits is 0.17dB, well within the ±0.25dB desired
limit. The results are
f
L = 100Hz/5= 20Hz
(8)
and
f
H = 20kHzx5= 100kHz
(9)
As stated in the External Components section, both R
i in
conjunction with C
i, and RL, create first order highpass fil-
ters. Thus to obtain the desired low frequency response of
100Hz within ±0.5dB, both poles must be taken into consid-
eration. The combination of two single order filters at the
same frequency forms a second order response. This results
in a signal which is down 0.34dB at five times away from the
single order filter −3dB point. Thus, a frequency of 20Hz is
used in the following equations to ensure that the response
is better than 0.5dB down at 100Hz.
C
i
≥ 1/(2π*20kΩ*20Hz) = 0.397µF; use 0.39µF (10)
The high frequency pole is determined by the product of the
desired high frequency pole, f
H, and the closed-loop gain,
A
V. With a closed-loop gain of 1.5 and fH = 100kHz, the
resulting GBWP = 150kHz which is much smaller than the
LM4917’s GBWP of 3MHz. This figure displays that if a
designer has a need to design an amplifier with a higher
gain, the LM4917 can still be used without running into
bandwidth limitations.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com