Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5010 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5010
Description  High Voltage 1A Step Down Switching Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5010 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM5010 Datasheet HTML 11Page - National Semiconductor (TI) LM5010 Datasheet HTML 12Page - National Semiconductor (TI) LM5010 Datasheet HTML 13Page - National Semiconductor (TI) LM5010 Datasheet HTML 14Page - National Semiconductor (TI) LM5010 Datasheet HTML 15Page - National Semiconductor (TI) LM5010 Datasheet HTML 16Page - National Semiconductor (TI) LM5010 Datasheet HTML 17Page - National Semiconductor (TI) LM5010 Datasheet HTML 18Page - National Semiconductor (TI) LM5010 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Applications Information (Continued)
(12)
where 0.11
Ω is the minimum value of the internal resistance
from S
GND to ISEN. The next smaller standard value resistor
should be used for R
CL. With the addition of RCL it is neces-
sary to check the average and peak current values to ensure
they do not exceed the LM5010 limits. At maximum load
current the average current through the internal sense resis-
tor is:
(13)
If I
AVE is less than 2.0A no changes are necessary. If it
exceeds 2.0A, R
CL must be reduced. The upper peak of the
inductor current (I
PK+), at maximum load current, is calcu-
lated using the following:
(14)
where I
OR(max) is calculated using Equation 9. If IPK+ ex-
ceeds 3.5A , the inductor value must be increased to reduce
the ripple amplitude. This will necessitate recalculation of
I
OR(min),IPK-, and RCL.
When the circuit is in current limit, the upper peak current out
of the SW pin is
The inductor L1 and diode D1 must be rated for this current.
PC BOARD LAYOUT
The LM5010 regulation, over-voltage, and current limit com-
parators are very fast, and will respond to short duration
noise pulses. Layout considerations are therefore critical for
optimum performance. The layout must be as neat and
compact as possible, and all the components must be as
close as possible to their associated pins. The current loop
formed by D1, L1, C2, and the S
GND and ISEN pins should be
as small as possible. The ground connection from C2 to C1
should be as short and direct as possible. If it is expected
that the internal dissipation of the LM5010 will produce high
junction temperatures during normal operation, good use of
the PC board’s ground plane can help considerably to dissi-
pate heat. The exposed pad on the IC package bottom can
be soldered to a ground plane, and that plane should both
extend from beneath the IC, and be connected to exposed
ground plane on the board’s other side using as many vias
as possible. The exposed pad is internally connected to the
IC substrate.
The use of wide PC board traces at the pins, where possible,
can help conduct heat away from the IC. The four No Con-
nect pins on the TSSOP package are not electrically con-
nected to any part of the IC, and may be connected to
ground plane to help dissipate heat from the package. Judi-
cious positioning of the PC board within the end product,
along with the use of any available air flow (forced or natural
convection) can help reduce the junction temperature.
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com