Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5068 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5068
Description  NEGATIVE VOLTAGE HOT SWAP CONTROLLER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5068 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM5068 Datasheet HTML 1Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For additional information, contact Don Ashley at
Donald.Ashley@nsc.com
General Description
The LM5068 hot-swap controller provides intelligent con-
trol of power supply connections during the insertion and
removal of circuit cards powered by live system backplanes
The LM5068 provides both in-rush current control and
short-circuit protection functions, and limits power supply
transients in the backplane caused by the insertion of
additional circuit cards. The LM5068 controls the external
N-Channel MOSFET to provide programmable load current
limiting and circuit breaker functions using a single external
current sense resistor. The LM5068 issues a power good
(PWRGD) signal at the conclusion of a successful power-
on sequence.
Input over-voltage or under-voltage fault
conditions will cancel the PWRGD indication.
The LM5068-1 and -2 indicate power good as an open-
drain active high PWRGD state.
The LM5068-3 and -4
indicate power-good as an open-drain active low PWRGD
state. The LM5068-1 and -3 latch off after a fault condition
is detected while the LM5068-2 and -4 continuously re-try
at intervals set by a programmable timer.
The LM5068 is available in MSOP-8 package.
LM5068
Negative Voltage Hot-Swap Controller
Features
• In-rush current limiting for safe board insertion into
live backplanes
• Fast response to over-current fault conditions with
active current limiting
• Wide -10V to -100V input voltage range
• Programmable Under-voltage and Over-voltage
shutdown protection with adjustable hysteresis
• Programmable Multi-Function Timer for board
insertion de-bounce delay
• Fault timer avoids nuisance trips caused by short
duration load transients
• Active gate clamping during initial power application
• Available in both latched fault and automatic retry
versions
• Available with either active HIGH or active LOW
power good flag
© 2003 National Semiconductor Corporation
PRELI
MINARY
Samples are available now; volume production is expected
in late January 2004.


Similar Part No. - LM5068

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5068 TI-LM5068 Datasheet
1Mb / 33P
LM5068 Negative Voltage Hot Swap Controller
LM5068 TI1-LM5068 Datasheet
1Mb / 30P
Negative Voltage Hot Swap Controller
LM5068 TI1-LM5068 Datasheet
1Mb / 34P
Negative Voltage Hot Swap Controller
LM5068MM-1/MMX-1 TI1-LM5068MM-1/MMX-1 Datasheet
1Mb / 33P
Negative Voltage Hot Swap Controller
LM5068MM-1/NOPB TI1-LM5068MM-1/NOPB Datasheet
1Mb / 34P
Negative Voltage Hot Swap Controller
More results

Similar Description - LM5068

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1640L LINER-LT1640L Datasheet
292Kb / 12P
Negative Voltage Hot Swap Controller
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
Negative Voltage Hot Swap Controller
SC4150 SEMTECH-SC4150 Datasheet
352Kb / 12P
Negative Voltage Hot Swap Controller
SC4250 SEMTECH-SC4250_05 Datasheet
251Kb / 12P
Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_1 Datasheet
192Kb / 16P
Negative Voltage Hot Swap Controller
logo
Texas Instruments
LM5068MM-3 TI1-LM5068MM-3 Datasheet
1Mb / 33P
Negative Voltage Hot Swap Controller
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_15 Datasheet
198Kb / 16P
Negative Voltage Hot Swap Controller
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com