Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9076 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM9076
Description  150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9076 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM9076 Datasheet HTML 1Page - National Semiconductor (TI) LM9076 Datasheet HTML 2Page - National Semiconductor (TI) LM9076 Datasheet HTML 3Page - National Semiconductor (TI) LM9076 Datasheet HTML 4Page - National Semiconductor (TI) LM9076 Datasheet HTML 5Page - National Semiconductor (TI) LM9076 Datasheet HTML 6Page - National Semiconductor (TI) LM9076 Datasheet HTML 7Page - National Semiconductor (TI) LM9076 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 1)
V
IN(DC)
-15V to +55V
V
IN(+Transient) t< 10ms, Duty Cycle <1% +70V
V
IN(-Transient) t< 1ms, Duty Cycle <1%
-50V
SHUTDOWN Pin
-15V to +52V
RESET Pin
-0.3V to 20V
C
DELAY Pin
-0.3V to V
OUT +0.3V
Storage Temperature
-65˚C to +150˚C
Junction Temperature (T
J )
+175C
ESD, HBM, per AEC - Q100 - 002
+/-2kV
ESD, MM, per AEC - Q100 - 003
+/-250V
Operating Ratings (Note 1)
V
IN Pin
5.35V to 40V
V
SHUTDOWN Pin
0V to 40V
Ambient Temperature
−40˚C < T
A < +125˚C
Thermal Resistance TS5B (Note 6)
θja
75˚C/W
θjc
2.9˚C/W
Thermal Resistance M08A (Note 6)
θja
156˚C/W
θjc
59˚C/W
Electrical Characteristics for LM9076–5.0
The following specifications apply for V
IN= 14V; VSHUTDOWN = Open; ILOAD = 10mA; TA = +25˚C; COUT = 10µF, 0.5
Ω < ESR <
4.0
Ω; unless otherwise specified. Bold Values indicate −40˚C ≤ T
A
≤ 125˚C. (Note 4, Note 5)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LM9076–5.0 REGULATOR CHARACTERISTICS
V
OUT
Output Voltage
4.95
5.00
5.05
V
1mA
≤ I
LOAD
≤ 150mA
4.90
5.00
5.10
V
V
IN = 60V,
R
LOAD =1K
Ω,t ≤
40ms
4.50
5.00
5.50
V
Output Voltage Off
V
SHUTDOWN
≥ 2V,
R
LOAD =1K
Ω
–
40
250
mV
Reverse Battery
V
IN = -15V,
R
LOAD =1K
Ω
–
0
–300
mV
∆V
OUT
Line Regulation
9.0V
≤ V
IN
≤ 16V,
I
LOAD = 10mA
–
4
25
mV
16V
≤ V
IN
≤ 40V,
I
LOAD = 10mA
–17
25
mV
Load Regulation
1mA
≤ I
LOAD
≤ 150mA
–
42
60
mV
V
DO
Dropout Voltage
I
LOAD = 10mA
–
30
50
mV
I
LOAD = 50mA
–
80
–
mV
I
LOAD = 150mA
–
150
250
mV
I
GND
Ground Pin Current
9V
≤ V
IN
≤ 16V,
I
LOAD = 100uA
–25
35
µA
9V
≤ V
IN
≤ 40V,
I
LOAD = 10mA
–
125
160
µA
9V
≤ V
IN
≤ 40V,
I
LOAD = 50mA
–
0.6
–
mA
9V
≤ V
IN
≤ 16V,
I
LOAD = 150mA
–
3.6
4.5
mA
Ground Pin Current
in Shut- down Mode
9V
≤ V
IN
≤ 40V,
V
SHUTDOWN =2V
–15
25
µA
I
SC
V
OUT Short Circuit
Current
V
IN = 14V,
R
LOAD =1
Ω
200
400
750
mA
PSRR
Ripple Rejection
V
IN = (14VDC)+
(1V
RMS @ 120Hz)
I
LOAD = 50mA
50
60
–
dB
RESET PIN CHARACTERISTICS
V
OR
Minimum V
IN for valid
RESET Status
(Note 3)
–
1.3
2.0
V
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com