Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV232TL Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV232TL
Description  Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV232TL Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMV232TL Datasheet HTML 5Page - National Semiconductor (TI) LMV232TL Datasheet HTML 6Page - National Semiconductor (TI) LMV232TL Datasheet HTML 7Page - National Semiconductor (TI) LMV232TL Datasheet HTML 8Page - National Semiconductor (TI) LMV232TL Datasheet HTML 9Page - National Semiconductor (TI) LMV232TL Datasheet HTML 10Page - National Semiconductor (TI) LMV232TL Datasheet HTML 11Page - National Semiconductor (TI) LMV232TL Datasheet HTML 12Page - National Semiconductor (TI) LMV232TL Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Application Notes
The LMV232 mean square power detector is particularly
suited for accurate power measurement of RF modulated
signals that exhibit large peak to average ratios, i.e. large
variations of the signal envelope. Such noise-like signals are
encountered e.g. in CDMA and Wide-band CDMA cell-
phones. Many power detection circuits, particularly those
devised for constant-envelope modulated signals as in
GSM, are based on peak detection and provide accurate
power measurements for constant envelope or low-crest
factor (ratio of peak to RMS) signals only. Such detectors are
therefore not particularly suited for CDMA and WCDMA ap-
plications.
TYPICAL APPLICATION
The LMV232 is especially suited for CDMA and WCDMA
applications with 2 Power Amplifiers (PA’s). A typical setup is
given in Figure 1. The output power of one PA is measured at
a time, depending on the bandselect pin (BS). If the BS =
High RF
IN1 is used for measurements, if BS = Low RFIN2is
used. The measured output voltage of the LMV232 is read
by the ADC of the baseband chip and the gain of the PA gain
is adjusted if necessary. With an input impedance of 50
Ω,
the LMV232 can be directly connected to a 20 dB directional
coupler without the need for an additional external attenua-
tor. The setup can be adjusted to various PA output ranges
by selection of a directional coupler or insertion of an addi-
tional (resistive) attenuator between the coupler outputs and
the LMV232 RF inputs.
The LMV232 conversion gain and bandwidth are configured
by a resistor and a capacitor. Resistor R1 sets the conver-
sion gain from RF
IN to the output voltage. A higher resistor
value will result in a higher conversion gain. The maximum
dynamic range is achieved when the resistor value is as high
as possible, i.e. the output signal just doesn’t clip and the
voltage stays within the baseband ADC input range. The
filter bandwidth is adjusted by capacitor C1. The capacitor
value should be chosen such that the response time of the
device is fast enough and modulation on the RF input signal
is not visible at the output (ripple suppression). The −3 dB
filter bandwidth of the output filter is determined by the time
constant R1*C1. Generally a capacitor value of 1.5 nF is a
good choice.
PEAK TO AVERAGE RATIO SENSITIVITY
The LMV232 power detector provides an accurate power
measurement for arbitrary input signals, low and high peak-
to-average ratios and crest factors. This is because its op-
eration is not based on peak detection, but on direct deter-
mination of the mean square value. This is the most accurate
power measurement, since it exactly implements the defini-
tion of power. A mean-square detector measures V
RMS
2 for
all waveforms. Peak detection is less accurate because the
relation between peak detection and mean square detection
depends on the waveform. A peak detector measures P =
V
PEAK
2 for all waveforms, while it should measures P =
V
PEAK
2/2 (forR=1
Ω) for a sine wave and P = V
PEAK
2/3 for
a triangle wave for instance. For a CDMA signal, the mea-
surement error can be in the order of 5 to 6 dB. For many
wave forms, specially those with high peak-to-average ra-
tios, peak detection is not accurate enough and therefore a
mean square detector is recommended.
MEAN SQUARE CONFORMANCE ERROR
The LMV232 is a mean square detector and therefore
should have an output voltage (in Volts) that linearly relates
to the RF input power (in mW). The input referred error, with
respect to an ideal linear mean square detector, is deter-
mined as a measure for the accuracy of the detector.
20127801
FIGURE 1. Typical Application
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com