Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6560MTX Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6560MTX
Description  Quad, High-Speed, Closed-Loop Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6560MTX Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LMH6560MTX Datasheet HTML 15Page - National Semiconductor (TI) LMH6560MTX Datasheet HTML 16Page - National Semiconductor (TI) LMH6560MTX Datasheet HTML 17Page - National Semiconductor (TI) LMH6560MTX Datasheet HTML 18Page - National Semiconductor (TI) LMH6560MTX Datasheet HTML 19Page - National Semiconductor (TI) LMH6560MTX Datasheet HTML 20Page - National Semiconductor (TI) LMH6560MTX Datasheet HTML 21Page - National Semiconductor (TI) LMH6560MTX Datasheet HTML 22Page - National Semiconductor (TI) LMH6560MTX Datasheet HTML 23Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Application Notes (Continued)
This effect works to both sides because the circuit will not
generate radiation but the circuit is also not sensible if ex-
posed to a certain radiation level. The same is also notice-
able when placing components flat on the printed circuit
board. Standard through hole components when placed up-
right can act as antennae causing electric fields which can
be picked up by a nearby upright component. If placed
directly at the surface of the pcb this influence is much lower.
The Effect of Variation For e
r
When using pcb material the e
r has a certain shift over the
used frequency spectrum, so if it is necessary to work with
very accurate trace impedances, one must take into account
the frequency region for which the design is to be functional.
Figure 14 http://www.isola.de gives an example of what the
drift in e
r will be when using the pcb material produced by
Isola. If working at frequencies of 100MHz then a 50
Ω trace
has a width of 3.04mm for standard 1.6mm FR4 pcb mate-
rial, and the same trace needs a width of 3.14mm. for
frequencies around 10GHz.
Routing Power Traces
Power line traces routed over a pcb should be kept together
for best practice. If not a ground loop will occur which may
cause more sensitivity to radiation. Also additional ground
trace length may lead to more ringing on digital signals.
Careful attention to power line distribution leads to improved
overall circuit performance. This is especially valid for analog
circuits which are more sensitive to spurious noise and other
unwanted signals.
As demonstrated in Figure 15 the power lines are routed
from both sides on the pcb. In this case a current loop is
created as indicated by the dotted line. This loop can act as
an antenna for high frequency signals which makes the
circuit sensitive to R
F radiation. A better way to route the
power traces can be seen in the following setup. (see Figure
16).
In this arrangement the power lines have been routed in
order to avoid ground loops and to minimize sensitivity to
noise etc. The same technique is valid when routing a high
frequent signal over a board which has no ground plane. In
that case is it good practice to route the high frequency
signal alongside a ground trace. A still better way to create a
pcb carrying high frequency signals is to use a pcb with
ground a ground plane or planes.
20064256
FIGURE 13.
20064257
FIGURE 14.
20064258
FIGURE 15.
20064259
FIGURE 16.
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com