Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8092 Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT8092
Description  High Efficiency Step-Down Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8092 Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT8092 Datasheet HTML 17Page - Richtek Technology Corporation RT8092 Datasheet HTML 18Page - Richtek Technology Corporation RT8092 Datasheet HTML 19Page - Richtek Technology Corporation RT8092 Datasheet HTML 20Page - Richtek Technology Corporation RT8092 Datasheet HTML 21Page - Richtek Technology Corporation RT8092 Datasheet HTML 22Page - Richtek Technology Corporation RT8092 Datasheet HTML 23Page - Richtek Technology Corporation RT8092 Datasheet HTML 24Page - Richtek Technology Corporation RT8092 Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
RT8092
21
DS8092-03 January 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Register
Address
Register
Address
b[7]
(MSB)
b[6]
b[5]
b[4]
b[3]
b[2]
b[1]
b[0]
(LSB)
Meaning
OCP
Reserved Reserved
SCP
Reserved Reserved
PVIN_
UVLO
Reserved
Default
0
x
x
0
x
x
0
x
0x18
Read/Write
R/W
R/W
R/W
Record the Over-current protection event.
0 : Over-current protection is not triggered
OCP
1 : Over-current protection is triggered
Record the Vout short-circuit protection event.
0 : Vout short-circuit protection is not triggered
SCP
1 : Vout short-circuit protection is triggered
Record the PVIN under voltage event after enabling.
0 : PVIN UVLO occurs is not triggered
PVIN_UVLO
1 : PVIN UVLO occurs is triggered
Register
Address
Register
Address
b[7]
(MSB)
b[6]
b[5]
b[4]
b[3]
b[2]
b[1]
b[0]
(LSB)
Meaning
Reserved Reserved Reserved Reserved
LPM
Reserved Reserved Reserved
Default
x
x
x
x
0
x
x
x
0x19
Read/Write
R/W
Set step-down converter in normal switching mode or low power mode
0 : Normal switching mode. (IQ is larger but transient response is better.)
LPM
1 : step-down converter works at low power mode (In PFM only.)
Register
Address
Register
Address
b[7]
(MSB)
b[6]
b[5]
b[4]
b[3]
b[2]
b[1]
b[0]
(LSB)
Meaning
Reserved Reserved Reserved Reserved Reserved Reserved VOUT_BANK1[1:0]
Default
x
x
x
x
x
x
1
0
0x1C
Read/Write
R/W
R/W
When VSEL = High. It is used to select the Vout list.
It should be set before enabling the step-down converter.
00 : 0.303125V to 0.7V
01 : 0.60625V to 1.4V
10 : 1.2125V to 2.8V
VOUT_BANK1[1:0]
11 : 2.425V to 5.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com