Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8092DCGWSC Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8092DCGWSC
Description  High Efficiency Step-Down Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8092DCGWSC Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8092DCGWSC Datasheet HTML 9Page - Richtek Technology Corporation RT8092DCGWSC Datasheet HTML 10Page - Richtek Technology Corporation RT8092DCGWSC Datasheet HTML 11Page - Richtek Technology Corporation RT8092DCGWSC Datasheet HTML 12Page - Richtek Technology Corporation RT8092DCGWSC Datasheet HTML 13Page - Richtek Technology Corporation RT8092DCGWSC Datasheet HTML 14Page - Richtek Technology Corporation RT8092DCGWSC Datasheet HTML 15Page - Richtek Technology Corporation RT8092DCGWSC Datasheet HTML 16Page - Richtek Technology Corporation RT8092DCGWSC Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
RT8092
13
DS8092-03 January 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
Buck Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Output Current (A)
VOUT = 1V, L = 0.33
μH, COUT = 22μF
VBAT = 3V
VBAT = 3.3V
VBAT = 3.6V
VBAT = 3.9V
VBAT = 4.2V
VBAT = 4.5V
VBAT = 5V
Buck Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Output Current (A)
VOUT = 2.8V, L = 0.33
μH, COUT = 22μF
VBAT = 3.3V
VBAT = 3.6V
VBAT = 3.9V
VBAT = 4.2V
VBAT = 4.5V
VBAT = 5V
Buck Output Voltage vs. Output Current
2.60
2.65
2.70
2.75
2.80
2.85
2.90
2.95
3.00
0
0.5
1
1.5
2
2.5
3
3.5
4
Output Current (A)
VOUT = 2.8V, L = 0.33
μH, COUT = 22μF
VBAT = 3.3V
VBAT = 3.6V
VBAT = 3.9V
VBAT = 4.2V
VBAT = 4.5V
VBAT = 5V
Buck Output Voltage vs. Output Current
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
0
0.5
1
1.5
2
2.5
3
3.5
4
Output Current (A)
VOUT = 1V, L = 0.33
μH, COUT = 22μF
VBAT = 3V
VBAT = 3.3V
VBAT = 3.6V
VBAT = 3.9V
VBAT = 4.2V
VBAT = 4.5V
VBAT = 5V
Buck Output Voltage vs. Input Voltage
2.60
2.65
2.70
2.75
2.80
2.85
2.90
2.95
3.00
3.33.7
4.14.5
4.95.3
5.7
Input Voltage (V)
VOUT = 2.8V, L = 0.33
μH, COUT = 22μF
ILOAD = 0A
ILOAD = 1A
ILOAD = 2A
ILOAD = 3A
Buck Output Voltage vs. Input Voltage
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
3
3.5
4
4.5
5
5.5
Input Voltage (V)
VOUT = 1V, L = 0.33
μH, COUT = 22μF
ILOAD = 0A
ILOAD = 1A
ILOAD = 2A
ILOAD = 3A
ILOAD = 4A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com