Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3740B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # M3740B
Description  4 SIREN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M3740B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  M3740B Datasheet HTML 1Page - List of Unclassifed Manufacturers M3740B Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4 SIREN
4 種警報聲 IC
2/2
2003-12-12
SIREN
M3740B
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
HORN
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
PAD ASSIGNMENT & POSITION
* CHIP SIZE ~ 1.35 x 1.10 mm
2
* IC substrate should be connected to VDD in PCB (PCB 上 IC 必須接 VDD).
UNIT : um
No. NAME
X
Y
1
VDD
-347.25
426.25
2
VSS
-177.25
371.25
3
LH
-5.25
371.25
4
X
550
412.5
5
Y
550
-226.75
6
TEST
183.5
-427.5
7
K1
11.5
-427.5
8
K2
-160.5
-427.5
9
K3
-332.5
-427.5
10
K4
-504.5
-427.5
11
LO
-496.5
-50.25
12
BZ
-496.5
218.25
( 0,0 )
X
Y
1
2
5
6
7
8
9
12
10
3
4
11



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com