Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEUFS1V331LB Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEUFS1V331LB
Description  Aluminum Electrolytic Capacitors (Radial Lead Type)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFS1V331LB Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEUFS1V331LB Datasheet HTML 1Page - Panasonic Semiconductor EEUFS1V331LB Datasheet HTML 2Page - Panasonic Semiconductor EEUFS1V331LB Datasheet HTML 3Page - Panasonic Semiconductor EEUFS1V331LB Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (Radial Lead Type)
010 <
Sleeve
14 min.
3 min.
L✽
✽ L < 16 : L±1.5
L
> 20 : L±2.0
Pressure relief
06.3 <
+
–
< 08
0D±0.5
0D±0.5
● Low ESR, Miniaturized (1 size smaller than series FR)
● Endurance : 105 °C 5000 h to 10000 h
● RoHS compliant
● Malaysia
Features
Country of origin
Radial Lead Type
Series : FS Type : A
Frequency correction factor for ripple current
Dimensions
Specifications
0D5
6.3
8
10
12.5
16
L
————
12.5 to 25
30 to 35
—
0d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
F
2.0
2.5
3.5
5.0
5.0
5.0
7.5
(Unit : mm)
Category temperature range
–40 °C to +105 °C
Rated voltage range
6.3 V.DC to 50 V.DC
Capacitance range
27 µF to 10000 µF
Capacitance tolerance
±20 % (120 Hz/+20 °C)
Leakage current
I
< 0.01 CV (µA) After 2 minutes
Dissipation factor
(tan d)
V.DC
6.3
10
16
25
35
50
(max.) (120 Hz/+20 °C)
tan
d
0.22
0.19
0.16
0.14
0.12
0.10
Add 0.02 per 1000 µF for products of 1000 µF or more.
Endurance
After following life test with DC voltage and +105 °C±2 °C ripple current value applied. (The
sum of DC and ripple peak voltage shall not exceed the rated working voltage) when the
capacitors are restored to 20 °C, the capacitors shall meet the limits specified below.
Duration
05×11/ 06.3×11.2 : 5000 hours, 08×11.5/ 010×12.5 : 6000 hours
08×15/ 010×16 : 8000 hours, 08×20 : 9000 hours
010×20 to 010×25/ 012.5×20 to 012.5×35/ 016×20 to 016×25 : 10000 hours
Capacitance change Within ±25 % of the initial value (6.3 V.DC to 10 V.DC : ±30 %)
tan
d
< 200 % of the initial limit
DC leakage current
Within the initial limit
Shelf life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment)
Rated voltage (V.DC)
Capacitance (µF)
Frequency (Hz)
60
120
1 k
10 k
100 k to
6.3 to 50
27
to
33
0.45
0.55
0.75
0.90
1.00
47
to
330
0.60
0.70
0.85
0.95
1.00
390
to
1000
0.65
0.75
0.90
0.98
1.00
1200
to 10000
0.75
0.80
0.95
1.00
1.00
May. 2017
00


Similar Part No. - EEUFS1V331LB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFS1A102 PANASONIC-EEUFS1A102 Datasheet
2Mb / 12P
Aluminum Electrolytic Capacitors
28-Feb-20
EEUFS1A122 PANASONIC-EEUFS1A122 Datasheet
2Mb / 12P
Aluminum Electrolytic Capacitors
28-Feb-20
EEUFS1A122L PANASONIC-EEUFS1A122L Datasheet
2Mb / 12P
Aluminum Electrolytic Capacitors
28-Feb-20
EEUFS1A181 PANASONIC-EEUFS1A181 Datasheet
2Mb / 12P
Aluminum Electrolytic Capacitors
28-Feb-20
EEUFS1A182 PANASONIC-EEUFS1A182 Datasheet
2Mb / 12P
Aluminum Electrolytic Capacitors
28-Feb-20
More results

Similar Description - EEUFS1V331LB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFM PANASONIC-EEUFM Datasheet
69Kb / 5P
Aluminum Electrolytic Capacitors/ FM, Radial Lead Type
logo
Panasonic Battery Group
EEUED2C220 PANASONICBATTERY-EEUED2C220 Datasheet
56Kb / 3P
Aluminum Electrolytic Capacitors/ ED Radial Lead Type
logo
RUBYCON CORPORATION
25PX100MEFC5X11 RUBYCON-25PX100MEFC5X11 Datasheet
172Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25YXJ100M5X11 RUBYCON-25YXJ100M5X11 Datasheet
174Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ML10MEFC4X7 RUBYCON-35ML10MEFC4X7 Datasheet
181Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35PX1000MEFC10X20 RUBYCON-35PX1000MEFC10X20 Datasheet
172Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLH680MEFC10X23 RUBYCON-35ZLH680MEFC10X23 Datasheet
182Kb / 3P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
50YXF10MEFC5X11 RUBYCON-50YXF10MEFC5X11 Datasheet
171Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
50YXJ22MTA5X11 RUBYCON-50YXJ22MTA5X11 Datasheet
174Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400LLE3R3MEFC8X11.5 RUBYCON-400LLE3R3MEFC8X11.5 Datasheet
175Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com