Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF08GS Datasheet(PDF) 1 Page - First Components International

Part # DF08GS
Description  1.0 Amp Surface Mount Glass Single Phase Silicon Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

DF08GS Datasheet(HTML) 1 Page - First Components International

  DF08GS Datasheet HTML 1Page - First Components International DF08GS Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25
oC ambient temperature unless otherwise specified.
NOTES :
-55 to + 150
DFS
DF005GS
SYMBOL
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
I
2
t
CJ
TJ, TSTG
DF01GS DF02GS DF04GS DF06GS DF08GS
50
100
800
600
400
35
70
560
420
280
50
100
800
600
400
1.0
5.0
50
250
25
1.1
UNIT
V
V
V
V
A
A
uA
uA
o
C
pF
200
140
200
DF10GS
1000
700
1000
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
o
C
Typical Thermal Resistance (Note 2)
Operating Junctionand Storage
Current TA=40
o
C
Half sine-wave superimposed on rated load
(JEDEC method)
@ 1.0 A
At Rated DC Blocking Voltage @TJ=125
o
C
Typical junction Capacitance (Note 1)
Rating for fusing (t < 8.3ms)
R JA
¬ Weight: 0.04 ounce, 1.0 gram
10
40
A
2
S
o
C/W
Temperature Range
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(2) Thermal Resistance form junction to ambient mounted on P.C.B with 0.5 x 0.5"(13x13mm) copper pads.
~
~
+
-
45
o
.335(8.51)
.320(8.13)
.130(3.30)
.120(3.05)
.047(1.20)
.040(1.02)
.205(5.2)
.195(5.0)
.255(6.50)
.245(6.20)
.404(10.3)
.386(9.80)
.013(0.33)
.003(.076)
.060(1.53)
.040(1.02)
.013(0.33)
.0088(0.22)
¬ Terminals: Solderable per MIL-STD-750,
Features
¬ Case: Molded plastic body over passivated
¬ Polarity: As marked on body
¬ Mounting position: Any
junctions
Mechanical Data
¬ Plastic package has Underwriters
Laboratory Flammability Classification
¬ Ideal for printed circuit boards
¬ Glass passivated structure
¬ High surge current capability
94V-0
method 2026
Description
Mechanical Dimensions


Similar Part No. - DF08GS

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
DF08GS FCI-DF08GS Datasheet
355Kb / 2P
10.Amp Surface Mount Glass Single Phase Silicon Bridge
More results

Similar Description - DF08GS

ManufacturerPart #DatasheetDescription
logo
Bytes
DB101S BYTES-DB101S Datasheet
150Kb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
First Components Intern...
DF005 FCI-DF005 Datasheet
123Kb / 2P
1.0 Amp Surface Mount SINGLE PHASE SILICON BRIDGE
logo
UNIOHM CORPORATION
DB101S UNIOHM-DB101S Datasheet
67Kb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
First Components Intern...
DF005 FCI-DF005_1 Datasheet
144Kb / 2P
1.0 Amp Glass Passivated Single Phase Silicon Bridge
DF005GS FCI-DF005GS Datasheet
355Kb / 2P
10.Amp Surface Mount Glass Single Phase Silicon Bridge
logo
Goodwork Semiconductor ...
DB101S GWSEMI-DB101S Datasheet
67Kb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Nanjing International G...
DB101GS DGNJDZ-DB101GS Datasheet
278Kb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
KMB12S DYELEC-KMB12S Datasheet
1Mb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
logo
Nanjing International G...
DB101GS-107GS DGNJDZ-DB101GS-107GS Datasheet
134Kb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
DB101GS BYTESONIC-DB101GS Datasheet
210Kb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
Version 1.4 2017/4/20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com