Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC7632SP Datasheet(PDF) 2 Page - First Components International

Part # FC7632SP
Description  SP FIXED- MULTI-OUTPUT REGULATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FC7632SP Datasheet(HTML) 2 Page - First Components International

  FC7632SP Datasheet HTML 1Page - First Components International FC7632SP Datasheet HTML 2Page - First Components International FC7632SP Datasheet HTML 3Page - First Components International FC7632SP Datasheet HTML 4Page - First Components International FC7632SP Datasheet HTML 5Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Remark
DC Input Voltage
Vin
20
V
-
Disable Input Voltage
Vc
20
V
-
Output Current
Io
0.5
A
-
Junction Temperature
Tj
+ 150
°C
-
Operating Temperature
Topr
0 ~ +125
°C
-
Electrical Characteristics
(Refer to test circuit Vin1=6V ,Vin2=10.5V ,Tj = +25
° C, unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage 1
Vo1
Io1=10mA
6V<Vin1<14V
5mA<Io1<500mA
3.22
3.14
3.3
3.3
3.38
3.46
V
Output Voltage 2
Vo2
Io2=10mA
10.5V<Vin2<18V
5mA<Io2<500mA
7.84
7.7
8
8
8.16
8.3
V
Dropout Output Voltage 1,2
Vd1,2
Io1,2= 500mA
-
-
2.5
V
Line Regulation 1,2
∆Vo 1,2
6V < Vin1 < 14V
10.5V < Vin2 < 18V
Io 1,2 = 200mA
-
-
40
80
mB
Load Regulation 1,2
∆Vo 1,2
5mA < Io1< 500mA
5mA < Io1< 500mA
-
0.1
70
160
mB
Output Voltage 3
Vo3
Vsys=7V, Io3=100mA
4.97
5.1
5.23
V
Line Regulation 3
∆Vo3
13V < Vin2 < 18V
Io3 = 100mA
-
-
50
mB
Load Regulation 3
∆Vo3
5mA < Io3< 1A
-
-
110
mB
Reset Pulse Delay
Trd
Cd=100nF, Note1
-
25
-
ms
Saturation Voltage in Reset
Condition
VrL
I6=5mA
-
-
0.4
V
Leakage Current at Pin 6
IrH
V6=10V
-
-
10
µA
Output Voltage Thermal Drift
STt
0
°C <Tj < +125 °C , Note 2
-
100
-
ppm/
°C
Short Circuit Output Current
Isc1,2
Vin1=6V ,Vin2 =10.5V
-
-
1.6
A
Disable Voltage High
VdisH
Output 2 Active
2.0
-
-
V
Disable Voltage Low
VdisL
Output 2 Disabled
-
-
0.8
V
Disable Bias Current
Idis
0B <Vdis < 7V
-100
-
2
µA
Junction Temperature for TSD
Ttsd
Note 2
-
145
-
°C
Quiescent Current
Iq
Io1 = 10mA, Output 2 Disabled -
-
2
mA
Reset Threshold Voltage
Vr
K=Vo1
K-0.4
K-0.25
K-0.1
V
Reset Threshold Hysteresis
Vrth
Note 1
20
50
100
mV
Notes:
1.
To check the reset circuit ,the reset output is low to discharge the delay capacitor(=Cd). if it’s less than Vo1-0.25V. And the
reset output is high when the delay capacitor voltage linearly increased by the internal current source(10
µA) if it’s more than Vo1-
0.2V. The equations of delay time is same as below. Trd = (Cd x 2.5) / 10
µA
2.
These parameters, although guaranteed, are not 100% tested in production.
FC7632 SP FIXED- MULTI-OUTPUT REGULATORS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com