Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC7630SP Datasheet(PDF) 2 Page - First Components International

Part # FC7630SP
Description  SP FIXED- MULTI-OUTPUT REGULATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FC7630SP Datasheet(HTML) 2 Page - First Components International

  FC7630SP Datasheet HTML 1Page - First Components International FC7630SP Datasheet HTML 2Page - First Components International FC7630SP Datasheet HTML 3Page - First Components International FC7630SP Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FC7630 SP FIXED- MULTI-OUTPUT REGULATORS
PARAMETER
SYMBOL
RATINGS
UNITS
REMARK
20
20
0.5
1.5
+150
0 ~ +125
V
-
V
A
W
°C
°C
-
-
No Heatsink
-
-
VIN
VC
IO
PD
TJ
Topr
ABSOLUTE MAXIMUM RATINGS
DC Input Voltage
Disable Input Voltage
Output Current
Power Dissipation
Junction Temperature
Operating Temperature
Parameter
Min
Typ
Max
Unit
Condition
Output Voltage 1
Line Regulation 1,2
Load Regulation 1, 2
Line Regulation 3
Saturation Voltage in Reset
Condition
Output Voltage 2
I 1=10mA,
O
7.5V<
1< 14V
5mA <
1< 500mA
VIN
IO
7.5V<
1< 14V
10.5V <
< 18V
1,2= 200mA
VIN
V2
IN
IO
5mA <
1 < 500mA
5mA <
2< 500mA
IO
IO
13V <V 3< 18V
= 100mA
IN
I3
O
I6= 5mA
I 2=10mA,
O
10.5V<
2< 18V
5mA <
2< 500mA
VIN
IO
5.0
4.9
-
-
-
-
7.84
7.7
5.2
5.3
50
80
100
160
120
0.4
8.16
8.3
V
mV
V
ELECTRICAL CHARACTERISTICS
(Refer to test circuit V 1=7.5V,
2=10.5V, T = 25°C, unless otherwise specified)
IN
J
V
IN
Symbol
V1
O
DV 1,2
O
DV 1,2
O
DV3
O
VrL
V2
O
5.1
5.1
-
0.1
-
-
8
8
Dropout Output Voltage 1,2
Output Voltage 3
Load Regulation 3
Reset Pulse Delay
Leakage Current Pin 6
Output Voltage Thermal Drift
Short Circuit Output Current
Disable Voltage High
Disable Voltage Low
Disable Bias Current
Junction Temperature for TSD
Quiescent Current
Reset Threshold Voltage
Reset Threshold Hysteresis
Vd1,2
V3
O
I 1,2=500mA,
O
Vsys= 13V,
= 100mA
I3
O
5mA <
3 < 1A
IO
Cd= 100nF, Note 1
V6= 10V
0°C < T < +125°C, Note 2
J
V 1=7.5V,
2= 10.5V
IN
VIN
Output 2 Active
Output 2 Disabled
0V < Vdis < 7V
Note 2
I1
O = 10mA, Output2 Disabled
K= V 1
O
Note 1
2.5
12.3
250
-
10
-
1.6
-
0.8
2
-
2
V
V
-
11.7
-
-
-
-
-
2.0
-
-100
-
-
K -0.4
20
-
12
-
25
-
100
-
-
-
-
145
-
V
DV3
O
Trd
IrH
STt
Isc 1,2
VdisH
VdisL
Idis
Ttsd
Iq
Vr
Vrth
ms
µA
ppm/°C
A
V
V
µA
°C
mA
V
mA
K -0.25
50
K -0.1
100
Notes:
1. To check the reset circuit ,the reset output is low to discharge the delay capacitor(=Cd). if it’s less than
-0.25V.
And the reset output is high when the delay capacitor voltage linearly increased by the interal current source(10µA)
if it’s more than
- 0.2V. The equations of delay time is same as below. Trd = (Cd X 2.5) / 10µA
2. These parameters, although guaranteed, are not 100% tested in production.
V1
O
V1
O
mV
mV
mV



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com