Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC131 Datasheet(PDF) 2 Page - First Components International

Part # FTC131
Description  1A 500V/600V BIDIRECTIONAL TRIACS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FTC131 Datasheet(HTML) 2 Page - First Components International

  FTC131 Datasheet HTML 1Page - First Components International FTC131 Datasheet HTML 2Page - First Components International FTC131 Datasheet HTML 3Page - First Components International FTC131 Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1A 500V/600V BIDIRECTIONAL TRIACS
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-lead
Thermal resistance
full cycle
-
-
60
K/W
junction to lead
half cycle
-
-
80
K/W
R
th j-a
Thermal resistance
pcb mounted;lead length = 4mm
-
150
-
K/W
junction to ambient
STATIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
GT
Gate trigger current
V
D = 12 V; IT = 0.1 A
T2+ G+
-
0.4
3
mA
T2+ G-
-
1.3
3
mA
T2- G-
-
1.4
3
mA
T2- G+
-
3.8
7
mA
I
L
Latching current
V
D = 12 V; IGT = 0.1 A
T2+ G+
-
1.2
5
mA
T2+ G-
-
4.0
8
mA
T2- G-
-
1.0
5
mA
T2- G+
-
2.5
8
mA
I
H
Holding current
V
D = 12 V; IGT = 0.1 A
-
1.3
5
mA
V
T
On-state voltage
I
T = 2.0 A
-
1.2
1.5
V
V
GT
Gate trigger voltage
V
D = 12 V; IT = 0.1 A
-
0.7
1.5
V
V
D = 400 V; IT = 0.1 A; Tj = 125 ˚C
0.2
0.3
-
V
I
D
Off-state leakage current
V
D = VDRM(max); Tj = 125 ˚C
-
0.1
0.5
mA
DYNAMIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
dV
D/dt
Critical rate of rise of
V
DM = 67% VDRM(max); Tj = 125 ˚C;
5
15
-
V/
µs
off-state voltage
exponential waveform; R
GK = 1 kΩ
t
gt
Gate controlled turn-on
I
TM = 1.5 A; VD = VDRM(max); IG = 0.1 A;
-
2
-
µs
time
dI
G/dt = 5 A/µs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com