Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC136 Datasheet(PDF) 1 Page - First Components International

Part # FTC136
Description  4A 600V BIDIRECTIONAL TRIACS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FTC136 Datasheet(HTML) 1 Page - First Components International

  FTC136 Datasheet HTML 1Page - First Components International FTC136 Datasheet HTML 2Page - First Components International FTC136 Datasheet HTML 3Page - First Components International FTC136 Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Description:
Passivated triacs in a Plastic envelop, intended for
use in applications requiring high bidirectional
transient and blocking voltage capability and
high thermal cycling performance. Typical
applications imclude motor control, industrial and
domestic lighting, heating and static switching
FTC131
VDRM
600V
I T(RMS)
4A
ITSM
25A
4A 600V BIDIRECTIONAL TRIACS
TO-220AB


Similar Part No. - FTC136

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FTC131 FCI-FTC131 Datasheet
189Kb / 4P
1A 500V/600V BIDIRECTIONAL TRIACS
logo
First Silicon Co., Ltd
FTC1318 FS-FTC1318 Datasheet
348Kb / 2P
TRANSISTOR (NPN)
More results

Similar Description - FTC136

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
BTA04 JIEJIE-BTA04 Datasheet
662Kb / 6P
4A TRIACs
logo
Tiger Electronic Co.,Lt...
T405-600B-TR TGS-T405-600B-TR Datasheet
116Kb / 1P
4A TRIACS
BTA04-600B TGS-BTA04-600B Datasheet
93Kb / 1P
4A TRIACS
T435-600B-TR TGS-T435-600B-TR Datasheet
54Kb / 1P
4A TRIACS
T435-600H TGS-T435-600H Datasheet
38Kb / 1P
4A TRIACS
Z0409MF TGS-Z0409MF Datasheet
335Kb / 1P
4A TRIACS
logo
Unisonic Technologies
BTA04A UTC-BTA04A Datasheet
158Kb / 3P
4A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST136 JIEJIE-JST136 Datasheet
402Kb / 7P
4A TRIACs
logo
First Components Intern...
FTC131 FCI-FTC131 Datasheet
189Kb / 4P
1A 500V/600V BIDIRECTIONAL TRIACS
logo
SiPower Inc.
BTA204S-800E SIPOWER-BTA204S-800E Datasheet
866Kb / 7P
4A Triacs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com