Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4083 Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 2SC4083
Description  Silicon NPN transistor in a SOT-323 Plastic Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SC4083 Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SC4083 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC4083 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC4083 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC4083 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC4083 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC4083
Rev.D Mar.-2016
DATA SHEET
http://www.fsbrec.com
1 / 5
SOT-323 塑封封装 NPN 半导体三极管。Silicon NPN transistor in a SOT-323 Plastic Package.

特征频率高,时间常数小和高增益,低噪声系数。
High fT, small CC.rbb
, and high gain, small NF.
用于一般高频放大。
High-Frequency amplifier transistor
内部等效电路 / Equivalent Circuit
PIN1
:Emitter
PIN 2
:Base
PIN 3
:Collector
印章代码 / Marking
hFE
Classifications
Symbol
N
P
hFE Range
56~120
82~180
Marking
1DHN
1DHP
描述 / Descriptions
特征 / Features
用途 / Applications
引脚排列 / Pinning
3
1
2


Similar Part No. - 2SC4083

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4083 ROHM-2SC4083 Datasheet
64Kb / 2P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
2SC4083 ROHM-2SC4083 Datasheet
74Kb / 3P
High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz)
2SC4083 ROHM-2SC4083 Datasheet
153Kb / 3P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
logo
Weitron Technology
2SC4083 WEITRON-2SC4083 Datasheet
774Kb / 4P
NPN Silicon Transistor
logo
Rohm
2SC4083 ROHM-2SC4083 Datasheet
98Kb / 3P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
More results

Similar Description - 2SC4083

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
2SC1623W FOSHAN-2SC1623W Datasheet
1Mb / 6P
Silicon NPN transistor in a SOT-323 Plastic Package
2SC3356W FOSHAN-2SC3356W Datasheet
653Kb / 6P
Silicon NPN transistor in a SOT-323 Plastic Package
2SC4081W FOSHAN-2SC4081W Datasheet
671Kb / 6P
Silicon NPN transistor in a SOT-323 Plastic Package
2SC4097 FOSHAN-2SC4097 Datasheet
756Kb / 6P
Silicon NPN transistor in a SOT-323 Plastic Package
2SC4155A FOSHAN-2SC4155A Datasheet
922Kb / 6P
Silicon NPN transistor in a SOT-323 Plastic Package
BFQ67W FOSHAN-BFQ67W Datasheet
766Kb / 6P
Silicon NPN transistor in a SOT-323 Plastic Package
KTC4076 FOSHAN-KTC4076 Datasheet
747Kb / 6P
Silicon NPN transistor in a SOT-323 Plastic Package
2SC4155 FOSHAN-2SC4155 Datasheet
930Kb / 6P
Silicon NPN transistor in a SOT-323 Plastic Package
2SC4177 FOSHAN-2SC4177 Datasheet
855Kb / 6P
Silicon NPN transistor in a SOT-323 Plastic Package
MMBT2222AW FOSHAN-MMBT2222AW Datasheet
1,004Kb / 6P
Silicon NPN transistor in a SOT-323 Plastic Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com