Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4097 Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 2SC4097
Description  Silicon NPN transistor in a SOT-323 Plastic Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SC4097 Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SC4097 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC4097 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC4097 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC4097 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC4097 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC4097 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SC4097
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
1 / 6
SOT-323 塑封封装 NPN 半导体三极管。Silicon NPN transistor in a SOT-323 Plastic Package.

共基极输出电容小,与 2SA1577 互补。
Low Cob, complements the 2SA1577.

用于中功率放大。
Medium power transistor.
内部等效电路 / Equivalent Circuit
PIN1
:Emitter
PIN 2
:Base
PIN 3
:Collector
印章代码 / Marking
hFE
Classifications
Symbol
P
Q
R
hFE Range
82~180
120~270
180~390
Marking
HCP
HCQ
HCR
描述 / Descriptions
特征 / Features
用途 / Applications
引脚排列 / Pinning
3
1
2


Similar Part No. - 2SC4097

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4097 ROHM-2SC4097 Datasheet
74Kb / 4P
Medium Power Transistor (32V, 0.5A)
logo
Guangdong Kexin Industr...
2SC4097 KEXIN-2SC4097 Datasheet
83Kb / 2P
Medium Power Transistor
logo
SeCoS Halbleitertechnol...
2SC4097 SECOS-2SC4097 Datasheet
105Kb / 3P
Medium Power Transistor
2SC4097 SECOS-2SC4097 Datasheet
993Kb / 2P
NPN Plastic-Encapsulate Transistor
logo
Shenzhen Jin Yu Semicon...
2SC4097 HTSEMI-2SC4097 Datasheet
1Mb / 1P
TRANSISTOR (NPN)
More results

Similar Description - 2SC4097

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
2SC1623W FOSHAN-2SC1623W Datasheet
1Mb / 6P
Silicon NPN transistor in a SOT-323 Plastic Package
2SC3356W FOSHAN-2SC3356W Datasheet
653Kb / 6P
Silicon NPN transistor in a SOT-323 Plastic Package
2SC4081W FOSHAN-2SC4081W Datasheet
671Kb / 6P
Silicon NPN transistor in a SOT-323 Plastic Package
2SC4083 FOSHAN-2SC4083 Datasheet
580Kb / 5P
Silicon NPN transistor in a SOT-323 Plastic Package
2SC4155A FOSHAN-2SC4155A Datasheet
922Kb / 6P
Silicon NPN transistor in a SOT-323 Plastic Package
BFQ67W FOSHAN-BFQ67W Datasheet
766Kb / 6P
Silicon NPN transistor in a SOT-323 Plastic Package
KTC4076 FOSHAN-KTC4076 Datasheet
747Kb / 6P
Silicon NPN transistor in a SOT-323 Plastic Package
2SC4155 FOSHAN-2SC4155 Datasheet
930Kb / 6P
Silicon NPN transistor in a SOT-323 Plastic Package
2SC4177 FOSHAN-2SC4177 Datasheet
855Kb / 6P
Silicon NPN transistor in a SOT-323 Plastic Package
MMBT2222AW FOSHAN-MMBT2222AW Datasheet
1,004Kb / 6P
Silicon NPN transistor in a SOT-323 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com