Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4672 Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 2SC4672
Description  Silicon NPN transistor in a SOT-89 Plastic Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SC4672 Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SC4672 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC4672 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC4672 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC4672 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC4672 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC4672 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SC4672
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
1 / 6
SOT-89 塑封封装 NPN 半导体三极管。Silicon NPN transistor in a SOT-89 Plastic Package.

饱和压降低,极好的直流电流增益特性,与 2SA1797 互补。
Low saturation voltage, excellent DC current gain characteristics, complements the 2SA1797.
用于低频功率放大。
Low frequency power amplifier applications.

内部等效电路 / Equivalent Circuit
PIN1
:Base
PIN 2
:Collector
PIN 3
:Emitter
印章代码 / Marking
hFE Classifications
Symbol
P
Q
hFE Range
82~180
120~270
Marking
HDKP
HDKQ
描述 / Descriptions
特征 / Features
用途 / Applications
引脚排列 / Pinning
1
3
2


Similar Part No. - 2SC4672

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4672 ROHM-2SC4672 Datasheet
58Kb / 3P
Low Frequency Transistor (50V, 3A)
logo
Unisonic Technologies
2SC4672 UTC-2SC4672 Datasheet
75Kb / 2P
LOW FREQUENCY TRANSISTOR (50V,2A)
logo
Guangdong Kexin Industr...
2SC4672 KEXIN-2SC4672 Datasheet
51Kb / 1P
Low Frequency Transistor
logo
SeCoS Halbleitertechnol...
2SC4672 SECOS-2SC4672 Datasheet
265Kb / 2P
NPN Silicon Epitaxial Silicon Tra nsistor
logo
Weitron Technology
2SC4672 WEITRON-2SC4672 Datasheet
265Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - 2SC4672

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
2SC1623T FOSHAN-2SC1623T Datasheet
1Mb / 6P
Silicon NPN transistor in a SOT-89 Plastic Package
2SD1664 FOSHAN-2SD1664 Datasheet
963Kb / 6P
Silicon NPN transistor in a SOT-89 Plastic Package
2SD669TA FOSHAN-2SD669TA Datasheet
905Kb / 6P
Silicon NPN transistor in a SOT-89 Plastic Package
BC868 FOSHAN-BC868 Datasheet
638Kb / 6P
Silicon NPN transistor in a SOT-89 Plastic Package
BC869 FOSHAN-BC869 Datasheet
651Kb / 6P
Silicon NPN transistor in a SOT-89 Plastic Package
BCX54 FOSHAN-BCX54 Datasheet
825Kb / 6P
Silicon NPN transistor in a SOT-89 Plastic Package
KTC4375 FOSHAN-KTC4375 Datasheet
776Kb / 6P
Silicon NPN transistor in a SOT-89 Plastic Package
9014T FOSHAN-9014T Datasheet
1,006Kb / 6P
Silicon NPN transistor in a SOT-89 Plastic Package
MMBT3904T FOSHAN-MMBT3904T Datasheet
843Kb / 7P
Silicon NPN transistor in a SOT-89 Plastic Package
MJE13001CT FOSHAN-MJE13001CT Datasheet
705Kb / 6P
Silicon NPN transistor in a SOT-89 Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com