Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1858 Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 2SD1858
Description  Silicon NPN transistor in a TO-92LM Plastic Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SD1858 Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SD1858 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1858 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1858 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1858 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1858 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1858 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1858 Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2SD1858
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
1 / 7
TO-92LM 塑封封装 NPN 半导体三极管。Silicon NPN transistor in a TO-92LM Plastic Package.
饱和压降低,与 2SB1237 互补。
Low saturation voltage, complements the 2SB1237.
用于中功率放大。
Medium power amplifier applications.
PIN1
:Base
PIN 2
:Collector
PIN 3
:Emitter
放大及印章代码 / hFE Classifications & Marking
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning
hFE Classifications
Symbol
P
Q
R
hFE Range
82~180
120~270
180~390
123


Similar Part No. - 2SD1858

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1858 ROHM-2SD1858 Datasheet
118Kb / 3P
Medium Power Transistor (32V, 1A)
2SD1858 ROHM-2SD1858 Datasheet
129Kb / 4P
Medium Power Transistor (32V, 1A)
2SD1858 ROHM-2SD1858 Datasheet
144Kb / 4P
Medium Power Transistor (32V, 1A)
2SD1858 ROHM-2SD1858 Datasheet
173Kb / 4P
Medium Power Transistor (32V, 1A)
More results

Similar Description - 2SD1858

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
KTC3205 FOSHAN-KTC3205 Datasheet
903Kb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package
2SC1384 FOSHAN-2SC1384 Datasheet
722Kb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package
2SC2705 FOSHAN-2SC2705 Datasheet
900Kb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package
2SC3328 FOSHAN-2SC3328 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package
2SD667 FOSHAN-2SD667 Datasheet
903Kb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package
2SD882L FOSHAN-2SD882L Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package
2SD1207 FOSHAN-2SD1207 Datasheet
948Kb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package
KSC2310 FOSHAN-KSC2310 Datasheet
905Kb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package.
KSC2331 FOSHAN-KSC2331 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package.
KTD1347 FOSHAN-KTD1347 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com