Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTA1663 Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # KTA1663
Description  Silicon PNP transistor in a SOT-89 Plastic Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

KTA1663 Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  KTA1663 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. KTA1663 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. KTA1663 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. KTA1663 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. KTA1663 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. KTA1663 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
KTA1663
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
1 / 6
SOT-89 塑封封装 PNP 半导体三极管。Silicon PNP transistor in a SOT-89 Plastic Package.

加陶瓷片功率可达 1W,与 KTC4375 互补。
1W(*mounted on ceramic substrate),complementary pair with KTC4375.

用于大电流。
High current applications.

内部等效电路 / Equivalent Circuit
PIN1
:Base
PIN 2
:Collector
PIN 3
:Emitter
印章代码 / Marking
hFE Classifications
Symbol
O
Y
hFE Range
100~200
160~320
Marking
HIO
HIY
描述 / Descriptions
特征 / Features
用途 / Applications
引脚排列 / Pinning
1
3
2


Similar Part No. - KTA1663

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1663 KEC-KTA1663 Datasheet
284Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
logo
Weitron Technology
KTA1663 WEITRON-KTA1663 Datasheet
172Kb / 3P
PNP Epitaxial Planar Transistors
logo
Shenzhen Jin Yu Semicon...
KTA1663 HTSEMI-KTA1663 Datasheet
475Kb / 2P
TRANSISTOR (PNP)
logo
SHENZHEN YONGERJIA INDU...
KTA1663 WINNERJOIN-KTA1663 Datasheet
138Kb / 1P
TRANSISTOR (PNP)
logo
GUANGDONG HOTTECH INDUS...
KTA1663 HOTTECH-KTA1663 Datasheet
215Kb / 2P
Plastic-Encapsulate Transistors
More results

Similar Description - KTA1663

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
2SA1201 FOSHAN-2SA1201 Datasheet
918Kb / 6P
Silicon PNP transistor in a SOT-89 Plastic Package
2SB1424 FOSHAN-2SB1424 Datasheet
781Kb / 6P
Silicon PNP transistor in a SOT-89 Plastic Package
2SB766A FOSHAN-2SB766A Datasheet
908Kb / 6P
Silicon PNP transistor in a SOT-89 Plastic Package
2SB798 FOSHAN-2SB798 Datasheet
1Mb / 6P
Silicon PNP transistor in a SOT-89 Plastic Package
2SA1203 FOSHAN-2SA1203 Datasheet
818Kb / 6P
Silicon PNP transistor in a SOT-89 Plastic Package
2SA1213 FOSHAN-2SA1213 Datasheet
949Kb / 6P
Silicon PNP transistor in a SOT-89 Plastic Package
2SB1260 FOSHAN-2SB1260 Datasheet
669Kb / 6P
Silicon PNP transistor in a SOT-89 Plastic Package
MMBT5401T FOSHAN-MMBT5401T Datasheet
949Kb / 6P
Silicon PNP transistor in a SOT-89 Plastic Package
MMBTA92T FOSHAN-MMBTA92T Datasheet
771Kb / 6P
Silicon PNP transistor in a SOT-89 Plastic Package
logo
Rectron Semiconductor
8850T RECTRON-8850T Datasheet
363Kb / 7P
Silicon PNP transistor in a SOT-89 Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com