Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ2000 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAXQ2000
Description  Low-Power LCD Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2000 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAXQ2000 Datasheet HTML 1Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 2Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 3Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 4Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 5Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 6Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 7Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 8Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Low-Power LCD Microcontroller
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = VDD(MIN) to VDD(MAX), VDDIO = 2.7V to 3.6V, TA = -40°C to +85°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on Any Pin Relative to
Ground Except VDD .................................-0.5V to (VDDIO + 0.5)V
Voltage Range on VDD Relative to Ground .........-0.5V to +2.75V
Voltage Range on VDDIO Relative to Ground........-0.5V to +3.6V
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Soldering Temperature ....................See IPC/JEDEC J-STD-020
.................................................................................Specification
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
32k x 16 flash
1.8
2.5
2.75
Core Supply Voltage
VDD
Flash programming
2.25
2.5
2.75
V
I/O Supply Voltage
VDDIO
VDD
3.6
V
IDD1
/1 mode
6.0
9.2
IDD2
/2 mode
5.6
8.6
IDD3
/4 mode
3.4
5.1
IDD4
/8 mode
1.9
2.9
IDD5
PMM1 mode
0.5
0.7
Active Current,
fHFIN = 14MHz
(Note 2)
IDD6
PMM2 mode; 32KIN = 32.768kHz
4.8
7.6
mA
IDD1
/1 mode
6.5
10.4
IDD2
/2 mode
5.9
9.6
IDD3
/4 mode
3.8
6.2
IDD4
/8 mode
2.2
3.8
IDD5
PMM1 mode
0.6
1.4
Active Current,
fHFIN = 20MHz
(Note 2)
IDD6
PMM2 mode; 32KIN = 32.768kHz
4.8
8.1
mA
Execution from flash memory, 20MHz,
VDD = 2.2V, TA = +25°C
5.1
Execution from flash memory, 8MHz,
/8 mode, VDD = 2.2V, TA = +25°C
0.85
Execution from flash memory, 8MHz,
PMM1 mode, VDD = 2.2V, TA = +25°C
0.19
Execution from RAM, 8MHz,
/8 mode, VDD = 2.2V, TA = +25°C
0.30
Active Current
Execution from RAM, 1MHz,
/1 mode, VDD = 2.2V, TA = +25°C
0.14
mA
-40°C < TA < +25°C
0.7
55
Stop-Mode Current
ISTOP(VDD)
TA = +85°C
20
550
µA
Digital I/O Supply Current
IDDIO
RTC enabled; HFIN ≥ 14MHz;
all I/O disconnected
150
µA
Input High Voltage:
HFIN and 32KIN
VIH1
0.75 x
VDDIO
VDDIO
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com