Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILPA25JUD Datasheet(PDF) 2 Page - Vitec Power

Part # ILPA25JUD
Description  25W Dimmable Water-Proof Constant Current LED Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

ILPA25JUD Datasheet(HTML) 2 Page - Vitec Power

  ILPA25JUD Datasheet HTML 1Page - Vitec Power ILPA25JUD Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Approvals and Compliance
Parameter
Standards
EMI
EN55015
EMS
EN61000-3-2, EN61000-3-3, EN61000-4-2, EN61000-4-3, , EN61000-4-4, , EN61000-4-5, EN61000-4-6,
EN61000-4-8, EN61000-4-11, EN61547
Safety UL/c-UL, CE
(Pending) UL8750 Compliant to UL1310 ClaST 2, UL1012, UL935, CSA-C22.2 No. 0, CSA-C22.2 No. 107.1,
CSA-C22.2 No.250.0, EN61347-1,EN61347-2-13
Waterproof
IP66 Rating
Mechanical
Parameter
Specification
Dimension,
78x80x25mm (3.07x3.15x0.98 inches)
Net Weight
200g
Dimming Control
Parameter
Min.
Typ.
Max.
Unit
10V Output Voltage
9.8
10V
10.2
VDC
10V Output Source Current
-10
-
2
mA
Absolute Max. Voltage on the 1~10V Input Pin
-2
-
15
VDC
Source Current on 0-10V Input Pin
0
-
1
mA
The dimmer control may be operated from either a potentiometer or from an input signal of 0 – 10 Vdc. Two recommended implementations are provided
above
Notes:
1.
For the driver to operate properly, the load voltage must be maintained above the minimum voltage threshold (approx. 33% of t he max. output
voltage for any given model).
2.
If the output voltage is maintained above 50% of the maximum output voltage, the dimmer control may be operated over the entire 0-10V
range with output current varying from 100% down to practically 0%.
3.
If the output voltage is maintained between 33-50% of the maximum output voltage, the dimmer control may be operated over 5-10V range
with output current



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com